Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4860 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH4860
Description  GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4860 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH4860 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4860 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SFH 4860
Semiconductor Group
2
1998-08-25
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 125
°C
Sperrschichttemperatur
Junction temperature
T
j
125
°C
Sperrspannung
Reverse voltage
V
R
3V
Durchlaßstrom
Forward current
I
F
50
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
1A
Verlustleistung
Power dissipation
P
tot
140
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJC
450
160
K/W
K/W


Similar Part No. - SFH4860

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860 Datasheet
149Kb / 7P
   GaAlAs-Lumineszenzdiode (660 nm)
SFH4860 OSRAM-SFH4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
More results

Similar Description - SFH4860

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH464E7800 OSRAM-SFH464E7800 Datasheet
172Kb / 10P
   GaAlAs Light Emitting Diode (660 nm)
SFH4860 OSRAM-SFH4860 Datasheet
149Kb / 7P
   GaAlAs-Lumineszenzdiode (660 nm)
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
logo
Vishay Siliconix
TSHA5200 VISHAY-TSHA5200 Datasheet
107Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 24-Aug-11
TSHA4401 VISHAY-TSHA4401_V02 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
TSHA5500 VISHAY-TSHA5500 Datasheet
105Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
TSHA6200 VISHAY-TSHA6200_09 Datasheet
115Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 25-Jun-09
TSHA6500 VISHAY-TSHA6500_09 Datasheet
101Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 2.0, 06-Oct-09
TSHA6200 VISHAY-TSHA6200 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.9, 24-Aug-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com