Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH485 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH485
Description  GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH485 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH485 Datasheet HTML 1Page - Siemens Semiconductor Group SFH485 Datasheet HTML 2Page - Siemens Semiconductor Group SFH485 Datasheet HTML 3Page - Siemens Semiconductor Group SFH485 Datasheet HTML 4Page - Siemens Semiconductor Group SFH485 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
1997-11-01
SFH 484
SFH 485
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 484
Q62703-Q1092
5-mm-LED-Gehäuse (T 1 3/4), klares violettes Epoxy-
Gießharz, Anschlüsse im 2.54-mm-Raster (1/10’’),
Anodenkennzeichung: kürzerer Anschluß
5 mm LED package (T 1 3/4), violet-colored epoxy res-
in, solder tabs lead spacing 2.54 mm (1/10’’), anode
marking: short lead
SFH 484-1
Q62703-Q1755
SFH 484-2
Q62703-Q1756
SFH 485
Q62703-Q1093
SFH 485-2
Q62703-Q1547
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
100
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
200
mW
Wärmewiderstand, freie Beinchenlänge
max. 10 mm
Thermal resistance, lead length between
package bottom and PC-board max. 10 mm
R
thJA
375
K/W


Similar Part No. - SFH485

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH485 SIEMENS-SFH485 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
SFH485-1 SIEMENS-SFH485-1 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
SFH485-2 SIEMENS-SFH485-2 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
SFH485-3 SIEMENS-SFH485-3 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
logo
OSRAM GmbH
SFH4850E7800 OSRAM-SFH4850E7800 Datasheet
213Kb / 7P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH485

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
   GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
   GaAIAs-IR-Lumineszenzdiode (880 nm)
logo
Siemens Semiconductor G...
SFH485P SIEMENS-SFH485P Datasheet
45Kb / 4P
   GaAIAs Infrared Emitter (880 nm)
SFH487 SIEMENS-SFH487 Datasheet
42Kb / 5P
   GaAIAs-IR-Lumineszenzdiode 880nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com