Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10150CTE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR10150CTE
Description  SUPER BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10150CTE Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR10150CTE Datasheet HTML 1Page - Diodes Incorporated SBR10150CTE Datasheet HTML 2Page - Diodes Incorporated SBR10150CTE Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR10150CTE
Document number: DS31497 Rev. 4 - 2
1 of 3
www.diodes.com
November 2011
© Diodes Incorporated
SBR10150CTE
SBR is a registered trademark of Diodes Incorporated.
10A SBR
®
SUPER BARRIER RECTIFIER
Features
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
150ºC Operating Junction Temperature
Lead Free, RoHS Compliant (Note 1)
Mechanical Data
Case: TO262
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 1.355 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
SBR10150CTE
TO262
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
Package Pin Out
Configuration
SBR10150CTE = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 08 = 2008)
WW = Week (01 - 53)
YYWW
AB
SBR10150CTE
1
2
3
Anode
Common
Cathode
Anode
TO262


Similar Part No. - SBR10150CTE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10150CTE DIODES-SBR10150CTE_15 Datasheet
85Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10150CTE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com