Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

597-3311-407F Datasheet(PDF) 8 Page - Dialight Corporation

Part # 597-3311-407F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3311-407F Datasheet(HTML) 8 Page - Dialight Corporation

Back Button 597-3311-407F Datasheet HTML 4Page - Dialight Corporation 597-3311-407F Datasheet HTML 5Page - Dialight Corporation 597-3311-407F Datasheet HTML 6Page - Dialight Corporation 597-3311-407F Datasheet HTML 7Page - Dialight Corporation 597-3311-407F Datasheet HTML 8Page - Dialight Corporation 597-3311-407F Datasheet HTML 9Page - Dialight Corporation 597-3311-407F Datasheet HTML 10Page - Dialight Corporation 597-3311-407F Datasheet HTML 11Page - Dialight Corporation 597-3311-407F Datasheet HTML 12Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
597-3XX1-507F
597-77X1-507F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
597-3XX1-507F
597-77X1-507F
597-3XX1-207F
597-77X1-207F
Part Number
Drawing
Suggested
LED*
597-3XX1-507F
597-77X1-507F
597-3XX1-107F
597-77X1-107F
515-1064-807F
515-1023-803F
515-1090F
515-1090-801F
515-1052F
515-1078F
8
PCB Mount Multiple Position Horizontal
Ø.098
(2,49)
.141
(3,58)
.141
(3,58)
.128
(3,25)
.215+.000
- .010
(5,46 +,008 )
- ,25
.528
(13,41)
.100±.015
(2,54±0,38)
.90 (22,9)
.125
(3,18)
.030
(0,76)
.125 SQ.
(3,18)
TYP.
.851
(21,6)
.070
(1,78)
.200
(5,08)
.324
(8,23)
.470
(11,94)
.195
(4,95)
TYP.
.203
(5,16)
℄ LED #1
.175
(4,45)
.237
(6,02)
.175 (4,45)
.175 (4,45)
1.125
(28,58)
.985
(25,02)
.030 (0,76)
LIGHTSHIELDS
.775
(19,69)
.015
.075
.46
.228±.005
ø.228±.005
TYP; 2 PLCS
.150 TYP
2 PLCS
.437
.065
.114±.003
.228±.005
.11
.300
.800
.200
1.90
.389±.010
.150
1.825
.093
P.C. BOARD
.47 (MAX)
.228±.005
ø .075±.003
TYP; 2 PLCS
.46
(REF)
.060
.075
TYP
.150 TYP
2 PLCS
.065
.114±.003
.11
.228
.437
.355
.855
.200
1.95
(REF)
.389±.010
1.880
.150
P.C. BOARD
.47 (MAX)
.093
Ø.154
(3,91)
TYP 4
Ø.090
(2,29)
Ø.154
(3,91)
TYP4
Ø.68+.002
- .000
(1,73+,005 )
- ,000
TYP; 2
Ø.065
(1,65)
ALIGNMENT
PIN
.0100
(2,54)
TYP 2
.315 (8)
(NON-
ACCUM)
TYP. 2
5.69
(14,45)
.315 (8)
(NON-
ACCUM)
TYP. 3
SMD LED
TYP. 4
PCB .062”
THICK
.400
(10,16)
1.260
(32)
.240
(6,11)
.140
(3,56)
.068
(1,73)
1.043
(26,49)
.142
(3,59)
.646
(16.41)
LED
.015-.020
(0,39-0,50)
.900
(22,86)
.040
(1,02)
.535
(13,59)
.090
(2,29)
.350
(8,89)
SMD LED
TYP. 3
LED
PCB
.130
(3,3)
.350
(8,89)
TYP
.200
(15.08)
TYP.
.100
(2,54)
TYP.
.090
(2,29)
TYP.
.100
(2,54)
.600
(15,24)
2.100
(53,34)
2.030
(51,56)
DIFFUSED
OUTPUT SURFACE
TYP. 3
.150
(3,81)
.300
(7,62)
.580
(14,73)
.015-.020
(0,39-0,50)
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 597-3311-407F

ManufacturerPart #DatasheetDescription
logo
ITT Industries
597-3311-407 ITT-597-3311-407 Datasheet
20Kb / 1P
   Surface Mount LED
More results

Similar Description - 597-3311-407F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com