Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1045CTL-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR1045CTL-13
Description  SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1045CTL-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR1045CTL-13 Datasheet HTML 1Page - Diodes Incorporated SBR1045CTL-13 Datasheet HTML 2Page - Diodes Incorporated SBR1045CTL-13 Datasheet HTML 3Page - Diodes Incorporated SBR1045CTL-13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBR1045CTL
Document number: DS31111 Rev. 6 - 2
1 of 4
www.diodes.com
April 2011
© Diodes Incorporated
SBR1045CTL
SBR is a registered trademark of Diodes Incorporated.
10A SBR
®
SUPER BARRIER RECTIFIER
Features
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Lead Free Finish, RoHS Compliant (Note 1)
“Green” Molding Compound (No Br, Sb)
Mechanical Data
Case: TO252 (DPAK)
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.34 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
SBR1045CTL-13
TO252 (DPAK)
2500 pieces/reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
RMS Reverse Voltage
VR(RMS)
31
V
Average Rectified Output Current @TC = 110ºC
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
90
A
Top View
Polarity
2
1
3
SBR1045CT = Product Type Marking Code
AB = Foundry and Assembly Code
YYWW = Date Code Marking
YY = Last two digits of year (ex: 07 = 2007)
WW = Week (01 - 53)
YYWW AB
1045CT
SBR


Similar Part No. - SBR1045CTL-13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SBR1045CTL ISC-SBR1045CTL Datasheet
299Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR1045CTLQ DIODES-SBR1045CTLQ Datasheet
246Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER
SBR1045CTLQ-13 DIODES-SBR1045CTLQ-13 Datasheet
246Kb / 6P
   10A SBR SUPER BARRIER RECTIFIER
SBR1045CTLQ DIODES-SBR1045CTLQ_15 Datasheet
241Kb / 5P
   SUPER BARRIER RECTIFIER 10A SBR짰
SBR1045CTL DIODES-SBR1045CTL_15 Datasheet
79Kb / 4P
   10A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1045CTL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com