Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

521-9247F Datasheet(PDF) 11 Page - Dialight Corporation

Part # 521-9247F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9247F Datasheet(HTML) 11 Page - Dialight Corporation

Back Button 521-9247F Datasheet HTML 7Page - Dialight Corporation 521-9247F Datasheet HTML 8Page - Dialight Corporation 521-9247F Datasheet HTML 9Page - Dialight Corporation 521-9247F Datasheet HTML 10Page - Dialight Corporation 521-9247F Datasheet HTML 11Page - Dialight Corporation 521-9247F Datasheet HTML 12Page - Dialight Corporation 521-9247F Datasheet HTML 13Page - Dialight Corporation 521-9247F Datasheet HTML 14Page - Dialight Corporation 521-9247F Datasheet HTML 15Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-3XX1-407F
597-5X11-407F
597-5202-407F
598-8210-107F
597-3XX1-407F
597-5X11-407F
597-5202-407F
597-3XX1-407F
597-5X11-407F
597-5202-407F
598-8210-107F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
515-1020-806F
515-1048F
515-1048-801F
515-1037F
515-1010F
515-1051F
11
Ø.140
(3,56)
TYP.4
.210
(5,33)
.250
(6,35)
TYP. 2
.250
(6,35)
TYP. 3
.164
(4,17)
.140
(3,56)
TYP.4
.125 +.00
- .01
(3,18 +0.12 )
- ,017
.094
(2,39)
.140
(3,56)
℄ LED
.250
(TYP. )
.142
(TYP. )
.125
Ø.140
(TYP)
.094
.13
.165
.342
.140
℄ LED
℄ LED
.074
(1,88)
.140
(3,56)
.094
(2,39)
.250
.250
Ø.140
(3,56)
TYP(4 PLCS)
.250
(6,35)
TYP
(NON-
ACCUM)
.21
(5.3)
.13
(3.3)
.10
(2.5)
.500
(12.7)
.250
(6.35)
.125
(3.17)
Ø.170 (TYP);
4 PLCS
.375
PC BOARD
.800
.400TYP;
3PLCS
1.37
.200
.46
Ø.170SQR(TYP);
4PLCS
1.11
(REF)
℄ SMT LED
.15
.240
FRONT PANEL & WALL NOT SHOWN IN THIS VIEW
℄Ø.116 NOM
“SNAP-FIT”
MOUNTING PINS
2 PLCS
.575
.250
.345
.066
.085
Ø.190;
3 PLCS
.095
.500
.500
.092
.050;
3 PLCS
.150; (TYP)
3 PLCS
.075 (TYP)
.190;
3 PLCS
.155
.063
.03
.350
.450
FRONT PANEL
Ø.079;
2 PLCS
.11
.350
.150
.090
.170
.300
.300
.200
2 PLCS
.130
2 PLCS
.045
.080
2 PLCS
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 521-9247F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9246 DIALIGHT-521-9246 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
521-9246 DIALIGHT-521-9246 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
521-9246 DIALIGHT-521-9246 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
521-9246 DIALIGHT-521-9246 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
521-9248 DIALIGHT-521-9248 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
More results

Similar Description - 521-9247F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com