Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41815-0641 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 41815-0641
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

41815-0641 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  41815-0641 Datasheet HTML 1Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 2Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 3Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 4Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 5Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 6Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 7Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 8Page - Molex Electronics Ltd. 41815-0641 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 5 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
RIGHT ANGLE
Housing No:
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Options
Options
WITH RAMP
Options
WITH RAMP
Options
WITH RAMP
Terminal No:
Terminal No:
6298-197
Terminal No:
2188-1-228
Terminal No:
2144-AA-A1AA-P909B
Term Matl:
Term Matl:
PHOS BRONZE
Term Matl:
BRASS
Term Matl:
BRASS
Plating:
Plating:
197 – TIN
Plating:
228 – GOLD
Plating:
P909 – TIN
Dim C:
Dim C:
(4.60) / .160
Dim C:
(3.18) / .125
Dim C:
(3.68) / .145
Voids:
Voids:
NONE
Voids:
NONE
Voids:
NONE
Hooks Cut:
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Packaging:
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-4021
A-41815-0170
41815-0184
A-41815-0184
09-48-2021
A-41815-0198
3
09-48-4031
A-41815-0171
09-48-5030
A-41815-0185
09-48-2031
A-41815-0199
4
09-48-4041
A-41815-0172
09-48-5040
A-41815-0186
09-48-2041
A-41815-0200
5
09-48-4051
A-41815-0173
09-48-5050
A-41815-0187
09-48-2051
A-41815-0201
6
09-48-4061
A-41815-0174
41815-0188
A-41815-0188
09-48-2061
A-41815-0202
7
09-48-4071
A-41815-0175
41815-0189
A-41815-0189
09-48-2071
A-41815-0203
8
09-48-4081
A-41815-0176
09-48-5080
A-41815-0190
09-48-2081
A-41815-0204
9
09-48-4091
A-41815-0177
41815-0191
A-41815-0191
09-48-2091
A-41815-0205
10
09-48-4101
A-41815-0178
09-48-5100
A-41815-0192
09-48-2101
A-41815-0206
11
09-48-4111
A-41815-0179
41815-0193
A-41815-0193
09-48-2111
A-41815-0207
12
09-48-4121
A-41815-0180
41815-0194
A-41815-0194
09-48-2121
A-41815-0208
13
09-48-4131
A-41815-0181
41815-0195
A-41815-0195
09-48-2131
A-41815-0209
14
09-48-4141
A-41815-0182
41815-0196
A-41815-0196
09-48-2141
A-41815-0210
15
09-48-4151
A-41815-0183
41815-0197
A-41815-0197
09-48-2151
A-41815-0211


Similar Part No. - 41815-0641

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41815 MOLEX-41815 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
More results

Similar Description - 41815-0641

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com