Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH480-3 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH480-3
Description  GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH480-3 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH480-3 Datasheet HTML 1Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 2Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 3Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 4Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 5Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 6Page - Siemens Semiconductor Group SFH480-3 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 480,
SFH 481, SFH 482
Semiconductor Group
3
1998-04-16
Grenzwerte (
T
C = 25 °C)
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 481:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
SFH 480, SFH 482:
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 125
°C
Sperrschichttemperatur
Junction temperature
T
j
100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
200
mA
Stoßstrom,
t
p = 10 µs, D = 0
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
470
mW
Wärmewiderstand
Thermal resistance
R
thJA
R
thJC
450
160
K/W
K/W
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Wellenlänge der Strahlung
Wavelength at peak emission
I
F = 100 mA
λ
peak
880
nm
Spektrale Bandbreite bei 50 % von
I
max
Spectral bandwidth at 50 % of
I
max
I
F = 100 mA
∆λ
80
nm
Abstrahlwinkel
Half angle
SFH 480
SFH 481
SFH 482
ϕ
ϕ
ϕ
± 6
± 15
± 30
Grad
deg.
Aktive Chipfläche
Active chip area
A
0.16
mm2


Similar Part No. - SFH480-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
logo
OSRAM GmbH
SFH480-2/3 OSRAM-SFH480-2/3 Datasheet
103Kb / 9P
   GaAlAs-Lumineszenzdioden
More results

Similar Description - SFH480-3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH4580 SIEMENS-SFH4580 Datasheet
60Kb / 6P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH484 SIEMENS-SFH484 Datasheet
48Kb / 5P
   GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH485P OSRAM-SFH485P Datasheet
187Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH487 OSRAM-SFH487 Datasheet
191Kb / 13P
   GaAlAs Infrared Emitter (880 nm)
SFH4580 OSRAM-SFH4580_02 Datasheet
81Kb / 7P
   GaAlAs Infrared Emitters (880 nm) in SMR짰 Package
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
   GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
List of Unclassifed Man...
PDI-G103 ETC2-PDI-G103 Datasheet
45Kb / 1P
   GaAlAs (880 nm peak) Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com