Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC848CQ-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC848CQ-7-F
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC848CQ-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  BC848CQ-7-F Datasheet HTML 1Page - Diodes Incorporated BC848CQ-7-F Datasheet HTML 2Page - Diodes Incorporated BC848CQ-7-F Datasheet HTML 3Page - Diodes Incorporated BC848CQ-7-F Datasheet HTML 4Page - Diodes Incorporated BC848CQ-7-F Datasheet HTML 5Page - Diodes Incorporated BC848CQ-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 23 - 2
1 of 6
www.diodes.com
August 2011
© Diodes Incorporated
BC846A-BC848C
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Features
Ideally Suited for Automatic Insertion
Complementary PNP Types Available (BC856 – BC858)
For switching and AF Amplifier Applications
Lead Free, RoHS Compliant (Note 1)
Halogen and Antimony Free "Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-23
UL Flammability Rating 94V-0
Case material: molded Plastic “Green” Compound
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.008 grams (Approximate)
Ordering Information (Note 3 & 4)
Product
Marking
Reel size
(inches)
Quantity per reel
BC846A-7-F
K1Q
7
3,000
BC846B-7-F
K1R
7
3,000
BC846BQ-7-F
K1R
7
3,000
BC846B-13-F
K1R
13
10,000
BC847A-7-F
K1Q
7
3,000
BC847AQ-7-F
K1Q
7
3,000
BC847A-13-F
K1Q
13
10,000
BC847B-7-F
K1R
7
3,000
BC847BQ-7-F
K1R
7
3,000
BC847B-13-F
K1R
13
10,000
Notes:
1. No purposefully added lead.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. Tape width is 8mm. For more packaging details, go to our website at http://www.diodes.com.
4. Products with Q-suffix are automotive grade. All other products are commercial grade.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Product
Marking
Reel size
(inches)
Quantity per reel
BC847C-7-F
K1M
7
3,000
BC847C-13-F
K1M
13
10,000
BC848A-7-F
K1Q
7
3,000
BC848B-7-F
K1R
7
3,000
BC848B-13-F
K1R
13
10,000
BC848C-7-F
K1M
7
3,000
BC848CQ-7-F
K1M
7
3,000
Top View
SOT23
Device Symbol
Top View
Pin-Out
XXX = Product Type Marking Code,
YM = Date Code Marking
Y = Year ex: X = 2010
M = Month ex: 9 = September
XXX
C
B
E


Similar Part No. - BC848CQ-7-F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
BC848CQ YANGJIE-BC848CQ Datasheet
253Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - BC848CQ-7-F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com