Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2701-202 Datasheet(PDF) 7 Page - Dialight Corporation

Part # 591-2701-202
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2701-202 Datasheet(HTML) 7 Page - Dialight Corporation

Back Button 591-2701-202 Datasheet HTML 3Page - Dialight Corporation 591-2701-202 Datasheet HTML 4Page - Dialight Corporation 591-2701-202 Datasheet HTML 5Page - Dialight Corporation 591-2701-202 Datasheet HTML 6Page - Dialight Corporation 591-2701-202 Datasheet HTML 7Page - Dialight Corporation 591-2701-202 Datasheet HTML 8Page - Dialight Corporation 591-2701-202 Datasheet HTML 9Page - Dialight Corporation 591-2701-202 Datasheet HTML 10Page - Dialight Corporation 591-2701-202 Datasheet HTML 11Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.dialight.com
Micro LED
® SMD LED
ChipLED
Dialight
Part Number
Color
Material
Dom .
λ Typ.
(nm)
Intensity
Typ. (mcd)
Forward
Voltage
Typ. (V)
Viewing
Angle
Height
Test
Current
(mA)
Fig
Type
0603 Series Package (1.6mm X 0.8mm X Height)
597-3326-607F
Green
InGaN
525
150
3.4
130
0.8
20
1
Single Color
597-3607-607F
Blue
InGaN
470
60
3.3
130
0.8
20
1
Single Color
597-5004-407F
Red
AllnGaP
626
50
1.9
152
0.7
20
1
Single Color
597-5112-407F
Red
AlGaAs
647
11.7
1.7
152
0.7
20
1
Single Color
597-5203-407F
Orange
GaAsP
606
3.4
2.2
152
0.7
20
1
Single Color
597-5213-407F
Orange
AllnGaP
605
65
1.9
152
0.7
20
1
Single Color
597-5223-407F
Yellow
AllnGaP
590
65
1.9
152
0.7
20
1
Single Color
597-5312-407F
Green
GaP
567
6.4
2.1
152
0.7
20
1
Single Color
597-5412-407F
Yellow-Green
GaP
572
11.7
2.1
152
0.7
20
1
Single Color
598-8010-107F
Red
AlInGaP
635
40
2.2
140
0.7
20
2
Single Color
598-8020-107F
Red-Orange
AlInGaP
625
150
2
140
0.7
20
2
Single Color
598-8030-107F
Orange
AlInGaP
605
80
2
140
0.7
20
2
Single Color
598-8040-107F
Yellow
AlInGaP
593
130
2
140
0.7
20
2
Single Color
598-8050-107F
Yellow
AlInGaP
587
130
2
140
0.7
20
2
Single Color
598-8060-107F
Yellow-Green
AlInGaP
573
40
2
140
0.7
20
2
Single Color
598-8070-107F
Green
GaP
566
20
3.2
140
0.7
20
2
Single Color
598-8081-107F
Green
InGan
523
300
3.2
140
0.7
20
2
Single Color
598-8091-107F
Blue
InGan
473
90
3.2
140
0.7
20
2
Single Color
0606 Series Package (1.6mm X 1.6mm X Height)
598-8410-207F
Red / Green
AlInGaP
635 / 565
60 / 40
2 / 2
140
0.7
20
3
Bi-Color
598-8430-207F Orange / Green
AlInGaP
605 / 568
100 / 40
2 / 2
140
0.7
20
3
Bi-Color
598-8440-207F Yellow / Green
AlInGaP
590 / 570
135 / 50
2 / 2
140
0.7
20
3
Bi-Color
598-8450-207F Yellow / Green
AlInGaP /
InGaN
592 / 530
120 / 120
2 / 3.2
140
0.7
20
3
Bi-Color
598-8460-207F
Yellow / Red
AlInGaP
590 / 640
135 / 50
2 / 2.2
140
0.7
20
3
Bi-Color
598-8710-307F
Red / Green /
Blue
AlInGaP /
InGaN / InGaN
635 / 525 /
470
60 / 120 / 90
2 / 3.2 /
3.2
140
0.7
20
4
Tri-Color
598-8720-307F
Red-Orange /
Green / Blue
AlInGaP /
InGaN / InGaN
625 / 525 /
470
120 / 150 /
60
2 / 3.2 /
3.2
140
0.7
20
4
Tri-Color
598-8740-307F
Yellow / Green /
Blue
AlInGaP /
InGaN / InGaN
590 / 525 /
475
110 / 220 /
90
2 / 3.2 /
3.2
140
0.7
20
4
Tri-Color
0805 Series Package (2.0mm X 1.25mm X Height)
597-3003-407F
Red
AllnGaP
626
50
1.9
150
0.8
20
5
Single Color
597-3006-607F
Red
GaP
630
6
2.0
130
1.1
10
5
Single Color
597-3212-407F
Orange
AllnGaP
605
65
1.9
150
0.8
20
5
Single Color
597-3222-407F
Amber
AllnGaP
590
65
1.9
150
0.8
20
5
Single Color
597-3305-607F
Green
GaP
569
8
2.1
130
1.1
10
5
Single Color
597-3405-607F
Yellow
GaP
588
6
2.1
130
1.1
10
5
Single Color
597-5111-407F
Red
AlGaAs
647
11.7
1.7
150
0.8
20
5
Single Color
597-5202-407F
Orange
GaP
606
3.7
2.2
150
0.8
20
5
Single Color
597-5311-407F
Green
GaP
567
6.4
2.1
150
0.8
20
5
Single Color
597-5411-407F
Yellow
GaP
572
11.7
2.1
150
0.8
20
5
Single Color
598-8110-107F
Red
AlInGaP
635
40
2.2
140
0.7
20
6
Single Color
598-8120-107F
Red-Orange
AlInGaP
625
150
2
140
0.7
20
6
Single Color
598-8130-107F
Orange
AlInGaP
605
80
2
140
0.7
20
6
Single Color
598-8140-107F
Yellow
AlInGaP
593
130
2
140
0.7
20
6
Single Color
598-8150-107F
Yellow
AlInGaP
587
130
2
140
0.7
20
6
Single Color
598-8160-107F
Yellow-Green
AlInGaP
573
40
2
140
0.7
20
6
Single Color
598-8170-107F
Green
GaP
566
20
3.2
140
0.7
20
6
Single Color
598-8181-107F
Green
InGan
523
300
3.2
140
0.7
20
6
Single Color
598-8191-107F
Blue
InGan
473
90
3.2
140
0.7
20
6
Single Color
1206 Series Package (3.2mm X 1.6mm X Height)
597-3007-607F
Red
GaP
621
8
2.0
130
1.1
20
7
Single Color
597-3302-607F
Green
GaP
569
8
2.1
130
1.1
10
7
Single Color
597-3403-607F
Yellow
GaAsP
588
6
2.1
130
1.1
10
7
Single Color
598-8210-107F
Red
AlInGaP
635
40
2.2
140
0.7
20
8
Single Color
598-8220-107F
Red-Orange
AlInGaP
625
150
2
140
0.7
20
8
Single Color
598-8230-107F
Orange
AlInGaP
605
80
2
140
0.7
20
8
Single Color
598-8240-107F
Yellow
AlInGaP
593
130
2
140
0.7
20
8
Single Color
598-8250-107F
Yellow
AlInGaP
587
130
2
140
0.7
20
8
Single Color
598-8260-107F
Yellow-Green
AlInGaP
573
40
2
140
0.7
20
8
Single Color
598-8270-107F
Green
GaP
566
20
3.2
140
0.7
20
8
Single Color
598-8281-107F
Green
InGan
523
300
3.2
140
0.7
20
8
Single Color
598-8291-107F
Blue
InGan
473
90
3.2
140
0.7
20
8
Single Color
7


Similar Part No. - 591-2701-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2701-002 DIALIGHT-591-2701-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2701-002 DIALIGHT-591-2701-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2701-002F DIALIGHT-591-2701-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2701-007 DIALIGHT-591-2701-007 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2701-007 DIALIGHT-591-2701-007 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
More results

Similar Description - 591-2701-202

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com