Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTO-1R18-004 Datasheet(PDF) 4 Page - Dialight Corporation

Part # RTO-1R18-004
Description  Vigilant짰 Series LED Based Obstruction Lights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

RTO-1R18-004 Datasheet(HTML) 4 Page - Dialight Corporation

  RTO-1R18-004 Datasheet HTML 1Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 2Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 3Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 4Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 5Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 6Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 7Page - Dialight Corporation RTO-1R18-004 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Certifications & Ratings:
FAA AC NO: 150/5345-43F
FAA Engineering Brief No. 67
UL 1598
UL 8750
CSA C22.2
IP66 rated
Qualified By:
Intertek ETL
CSA
DGAC Mexico
Compliant to:
ICAO Annex 14, 5th Edition, July 2009
ICAO Aerodromes Design Manual, Chapter 18
Canadian Aviation Regulation CAR 621.19 (Transport Canada)
www.dialight.com
Vigilant
® LED Based L-864
Red Medium Intensity Beacon
Unit Weight:
20lbs (9Kg)
Operating Voltage:
Universal 120-240 VAC 50/60Hz
power factor corrected supply
Effective Intensity:
2,000 cd
Wattage:
20W rated
20W (steady burn)
3.33W (16.7% duty cycle)
20 flashes per minute with 0.5 second on time
Operating Temp:
-40ºF to +131ºF (-40ºC to +55ºC)
Power Factor:
>0.9
Dimensions in Inches [mm]
Application:
The Dialight Vigilant
®
Series D464 LED based medium intensity red
beacon utilizes state-of-the-art optical design to achieve the most
compact, efficient, FAA compliant L-864 device in the market. While it
readily interfaces into existing installations, its robust, low power design
will provide years of maintenance free service.
The D464 has extremelly low RF interference and is ideal for the most
difficult environments, including “hot” AM towers.
Flip top design for simple installation
Order code:
Part Number
Description
D464-A13-001
120 - 240 VAC FAA
D464-A13-001-EU
120 - 240 VAC ICAO
D464-3002
D464 retro fit adaptor
US Patents # 7,281,821#7,568,821 other patents pending
4
Dialight also offers these LED Beacons
SafeSite
® Series L-864
Red LED Beacon for
hazardous locations (Class I, Div. 2)
Patanted Optics
Provides minimum ground scatter for a “community-friendly” lighting system
Vigilant
® Series L-864 Infrared (IR)
LED Based Medium Intensity Red Beacon
for use with aviator night vision goggles


Similar Part No. - RTO-1R18-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-0B07-001 DIALIGHT-RTO-0B07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0B07-004 DIALIGHT-RTO-0B07-004 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0B07-005 DIALIGHT-RTO-0B07-005 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0G07-001 DIALIGHT-RTO-0G07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0G07-004 DIALIGHT-RTO-0G07-004 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
More results

Similar Description - RTO-1R18-004

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTOCR07001 DIALIGHT-RTOCR07001 Datasheet
120Kb / 1P
   Vigilant L-810 Infrared (IR) LED Obstruction Lights
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
   LED..R..W Series Ring Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
   LED..R..M Series Ring Lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com