Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTO-6R07-002 Datasheet(PDF) 6 Page - Dialight Corporation

Part # RTO-6R07-002
Description  Vigilant짰 Series LED Based Obstruction Lights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

RTO-6R07-002 Datasheet(HTML) 6 Page - Dialight Corporation

  RTO-6R07-002 Datasheet HTML 1Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 2Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 3Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 4Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 5Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 6Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 7Page - Dialight Corporation RTO-6R07-002 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Vigilant
® Series LED Based
L-856 High Intensity (White) Strobe
Application:
The Dialight Vigilant
® Series High Intensity LED White Strobe is the first all
LED L-856 unit designed for the lighting of communication towers,
smoke stacks, broadcast towers and other tall obstructions to aerial
navigation, as specified by the FAA. A high intensity system consists of
3 flash heads, 3 power supplies per level and 1 controller for the entire
system. The flash heads will be placed on up to six levels of thestructure
for a maximum of 18 synchronized flash heads for a single tower. The
3 flash heads will provide 360 degrees of coverage.
Unlike conventional Xenon flashtube technology, Dialight’s LED system
requires little or no maintenance during its lifetime, drastically reducing
costs associated with tower climbs.
Working voltages of less than
200VDC are significantly less than those of Xenon flashtube designs;
therefore, this system represents an advance in safety.
Use of LED
technology also provides a more shock and vibration resistant design,
ensuring consistent flash intensity every time.
This IP66 rated product is factory sealed to ensure water tight seals are
not compromised over the life of the strobe. Additionally, like all of
Dialight’s Obstruction Lights, patented optics provide sharp cutoff
drastically minimizing light pollution and ground scatter.
US Patent #7,281,821 other patents pending
Unit Weight:
85 lbs
Operating Voltage:
Universal 120 - 277 240VAC 50/60Hz
Effective Intensity:
White Day
270,000 cd
White Twilight
20,000 cd
White Night
2,000 cd
Wattage:
White Day
250W
White Twilight 30W
White Night
10W
Power Factor:
>0.9
Ambient Temp:
-40ºF to +131ºF (-40ºC to +55ºC)
Synchronization:
Multiple unit sync from single controller
(Operates with other manufacturers of GPS
sync devices)
Order codes:
Part Number
Description
D156-A33-270
(1) - L-856 flash head and supply
D156-A33-CTR
(1) - Controller
D156-6000NT
(1) - Night photocell
D156-6000TW
(1) - Twilight photocell
D156-6001JBX
(1) - Junction box
D156-A33-SYS
(3) - L-856 flash heads and supplies,
(1) - Controller, (1) Junction Box
D156-REDINT
(1) - Set of boards needed to connect an external
red system to a high intensity system
D1RW-C13-AL8
(1) - L-864/L-865 antenna obstruction light and
AOL interface boards
Certifications & Ratings
FAA AC NO: 150/5345-43F
FAA Engineering Brief No. 67
IP66 rated
Qualified By
Intertek ETL
Compliant to
DGAC Mexico
Features & Benefits
Full performance 5 year warranty
Shock and vibration resistant
Patented optic with sharp beam cutoff
Minimum ground scatter (community friendly light pattern)
High impact polycarbonate lens
Specialized lens coating providing superior UV, scratch,
and chemical resistance
Rugged metal design
Extremely low RF interference
12.70
(322.61)
REF
21.12
(536.3)
REF
30.84
(783.3)
REF
6


Similar Part No. - RTO-6R07-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-0B07-001 DIALIGHT-RTO-0B07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0B07-004 DIALIGHT-RTO-0B07-004 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0B07-005 DIALIGHT-RTO-0B07-005 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0G07-001 DIALIGHT-RTO-0G07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
RTO-0G07-004 DIALIGHT-RTO-0G07-004 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
More results

Similar Description - RTO-6R07-002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTOCR07001 DIALIGHT-RTOCR07001 Datasheet
120Kb / 1P
   Vigilant L-810 Infrared (IR) LED Obstruction Lights
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
   LED..R..W Series Ring Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
   LED..R..M Series Ring Lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com