Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL3W4BLGH Datasheet(PDF) 5 Page - Dialight Corporation

Part # SL3W4BLGH
Description  StreetSenseTM Series LED Street Light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3W4BLGH Datasheet(HTML) 5 Page - Dialight Corporation

  SL3W4BLGH Datasheet HTML 1Page - Dialight Corporation SL3W4BLGH Datasheet HTML 2Page - Dialight Corporation SL3W4BLGH Datasheet HTML 3Page - Dialight Corporation SL3W4BLGH Datasheet HTML 4Page - Dialight Corporation SL3W4BLGH Datasheet HTML 5Page - Dialight Corporation SL3W4BLGH Datasheet HTML 6Page - Dialight Corporation SL3W4BLGH Datasheet HTML 7Page - Dialight Corporation SL3W4BLGH Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Mechanical Information
Fixture Weight:
16lbs (42W, 63W, 82W)
25lbs (126W, 164W)
34lbs (189W, 246W)
EPA (Sq. ft):
0.60 (42W, 63W, 82W)
0.87 (126W, 164W)
1.13 (189W, 246W)
Mounting:
Accommodates 1.25” (1.66” OD) - 2” (2.375” OD)
31.75mm (42.16mm OD) - 50.8mm (60.32mm OD)
pipe. Provision for adjustment of +/- 5° at 2.5°
increments
Electrical Specifications
Operating Voltage:
Universal inputs
100-277VAC, 50/60Hz
347-480VAC 50/60Hz
Total System
Power Consumption:
See ordering info on pg. 6
Operating Temp:
-40°F to 165°F (-40°C to 74°C) ambient
Terminal Block:
#14 AWG (1.6mm) to #6 AWG (4.1mm) wire and
accessible via hinged tool less entry
Noise Requirements /
EMC:
FCC Title 47, Subpart B, Section 15, class A
device. RF Immunity; 10V/m, 80MHz-1GHz
Transient Protection
100-277VAC, 50/60Hz: Open circuit surge protection 6kV standard per
ANSI/IEEE C62.41. 2.2002 cat C low or
Open circuit surge protection 10kV standard per
ANSI/IEEE C62.41. 2.2002 cat C high
347-480VAC 50/60Hz: Open circuit surge protection 10kV standard per
ANSI/IEEE C62.41. 2.2002 cat C high
THD:
<15% (100 - 240VAC)
<20% (277VAC)
<20% (347-480VAC)
Power Factor:
>0.90
Material
Housing:
Die cast aluminum alloy A360
Polymeric materials UL94 V0 flame retardant
materials
Finish:
Polyester powder coat for superior corrosion resistance
Gray - RAL 7040
Bronze - RAL 7022
Green - RAL 6020
Black - RAL 9005
White - RAL 9010
Lens:
Abrasion and UV resistant polycarbonate
Optically optimized, tempered glass
Photo controller
Socket:
Standard NEMA three prong twist lock, socket
with shorting cap, as per ANSI C136.10
Photometric Information
CRI:
>70
CCT:
5,000K (cool white)
4,300K (neutral white)
3,300K (warm white)
Optics:
IES Type II, III, IV, V
All values typical unless otherwise stated
All lumen values are typical (tolerance +/- 10%)
www.dialight.com
StreetSense™ Series LED Street Light
34.7 (880)
26.5 (674)
18.4 (467)
4.8
(122)
14.7
(372)
Dimensions in inches (mm)
Certifications and Ratings:
UL 1598 (Suitable for Wet Locations)
UL 8750
UL 1012
UL 1449
CE
CSA C22.2 No. 250.0-08
IP66
Compliances:
RP-8-00 (R2005)
IEC 60529 (IP 66)
ANSI 1012
ANSI C 136.15-2011
ANSI/IEEE C62.41.2-2002
ANSI/NEMA/ANSLG C78.377-2008
ANSI C136.2-2004 (R2009)
ANSI C136.3-2005
ANSI C136.10-2006
ANSI C136.21-2004
ANSI C136.25-2009/IEC 60529
ANSI C136.31-2001
ANSI C136.32-2006
ANSI C136.37-2011
ASTM B117-97
ASTM B117 - salt spray (3000 hours)
Conforms with CALTRANS vibration test 611 – 3G vibration (2,000,000 cycles)
Meets ARRA requirements (must be specified when ordering)
IDA Dark Sky
RoHS
Test Reports:
LM-79
LM-80
RP-8-00
TM21
Accessories (ordered separately):
Photo Controller - part number - SL-PC01R
House side shield - part number - SL-SHIELD-KIT
LUMITROL™ Streetlight control module (consult factory)
ANSI Label (consult factory)
5
189W, 246W
126W, 164W
42W, 63W, 82W


Similar Part No. - SL3W4BLGH

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SL3 COOPER-SL3 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Banner Engineering Corp...
SL30 BANNER-SL30 Datasheet
426Kb / 4P
   SL30 Series Slot Sensor
logo
Electronic devices inc.
SL300 EDI-SL300 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
XP Power Limited
SL300PS12-C XPPOWER-SL300PS12-C Datasheet
166Kb / 2P
   Industrial (SL) & Medical (SLM) Versions
SL300PS12-D XPPOWER-SL300PS12-D Datasheet
166Kb / 2P
   Industrial (SL) & Medical (SLM) Versions
More results

Similar Description - SL3W4BLGH

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
   70W LED Street Light
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
   Street light switching
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
   Narrow caternary street light beam
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
   Catenary street light beam optimized for EN13201 M-classes
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com