Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPBRKTSSADJ Datasheet(PDF) 1 Page - Dialight Corporation

Part # WPBRKTSSADJ
Description  DuroSite짰 LED Emergency Shower Safe Luminaire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

WPBRKTSSADJ Datasheet(HTML) 1 Page - Dialight Corporation

  WPBRKTSSADJ Datasheet HTML 1Page - Dialight Corporation WPBRKTSSADJ Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DuroSite® LED Emergency
Shower Safe Luminaire
Mechanical Information
Fixture Weight:
5.4 kg (11.9 lb)
Cable Entry options:
All cable entries are drilled and tapped
see ordering option
Electrical specifications
Operating Voltage:
230/240 VAC
Input Current:
110mA
Input Wattage:
24W
Battery:
3.6V 4Ah Nimh
Battery Life:
4 years
Battery duration:
>3 hours
Operating Temp:
0°C to +50°C
(-20°C versions available)
Harmonics:
EN 61000-3-2: 2006
THD:
<20% @ 230 VAC
Surge Protection:
EN-61000-4-5
1 kV line to line
2 kV line to ground
Power Factor:
> 0.9
Materials
Housing:
Copper free aluminium cast
Finish:
Light grey epoxy powder coated (RAL7001)
Lens:
High Impact resistant polycarbonate
Mounting Brackets:
306 Stainless steel
Stanchion Brackets:
Copper free LM6 aluminium cast
Configuration:
Flush or 30° angle
Photometric Information
Dominant Wavelength
530.0 nm
All values typical unless otherwise state
Dimensions in mm [Inches]
Certifications
CE - Compliant
EN 55015:2006 / EN 61547:2009 / EN 60598-2-22:1999
IEC 60068 salt spray testing - severity 1
IK10 to EN 50102
IP66 to EN 60529
GOST R approved
Features & Benefits
5 year full performance warranty
360° visibility
Instant on/off operation
Mercury free, lead free
LED indicator for fixture battery monitoring
Resistant to shock and vibration
L70 rated for >100,000 hours @ 45°C ambient
Factory sealed
Application:
The Dialight DuroSite
® LED Shower Safe Emergency Bulkhead luminaire has a
rugged design to ensure long life and high reliability when used to identify
emergency showers on large industrial sites. Specially designed optics and
360° viewing angle make this a high visibility light unit for this application. This
self-contained maintained emergency luminaire offers a minimum of 3
hours of illumination equal to 10% of the standard output. It is ideally suited
for explosive environments, mills, chemical plants and other hazardous
environments where emergency shower areas are required. Dialight offers
flush, angle, stanchion mounting bracket and adjustable mounting options
for use with the DuroSite Bulkhead as well as a recessed housing.
www.dialight.com
Ordering Codes for Standard Model 2 M20 Entries on 1 Side
Ordering Code:
Example: WE-0G4H-FLGD
Product Family
-
Optic
LED Colour
Voltage
LED qty
-
Bracket
Finish
Glazing
WE
0 =No Optics
G = Green
4 =
230/240
VAC
18 LEDs
A = Angle Bracket
LG =
Light Grey
D = Dome
Lens
F = Flush Bracket
N = No Bracket


Similar Part No. - WPBRKTSSADJ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
   In-Line Watertight Fuse Holders
logo
CIT Relay & Switch
WPB16A CIT-WPB16A Datasheet
369Kb / 10P
   Illuminated Pushbutton - 16mm & 19mm
WPB16AX CIT-WPB16AX Datasheet
352Kb / 6P
   Illuminated Pushbutton - 16mm
WPB16Y CIT-WPB16Y Datasheet
369Kb / 10P
   Illuminated Pushbutton - 16mm & 19mm
WPB16YX CIT-WPB16YX Datasheet
352Kb / 6P
   Illuminated Pushbutton - 16mm
More results

Similar Description - WPBRKTSSADJ

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
   DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
HBGCMP DIALIGHT-HBGCMP Datasheet
1Mb / 8P
   DuroSite짰 Series LED High Bay
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
   DuroSite짰 Series LED Low Bay
ESS-12-CW-SD DIALIGHT-ESS-12-CW-SD Datasheet
215Kb / 2P
   ES Series White LED Luminaire
logo
SHENZHEN FUMAN ELECTRON...
FM811 FUMAN-FM811 Datasheet
214Kb / 3P
   Meteor shower
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com