Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515-1086F Datasheet(PDF) 4 Page - Dialight Corporation

Part # 515-1086F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1086F Datasheet(HTML) 4 Page - Dialight Corporation

  515-1086F Datasheet HTML 1Page - Dialight Corporation 515-1086F Datasheet HTML 2Page - Dialight Corporation 515-1086F Datasheet HTML 3Page - Dialight Corporation 515-1086F Datasheet HTML 4Page - Dialight Corporation 515-1086F Datasheet HTML 5Page - Dialight Corporation 515-1086F Datasheet HTML 6Page - Dialight Corporation 515-1086F Datasheet HTML 7Page - Dialight Corporation 515-1086F Datasheet HTML 8Page - Dialight Corporation 515-1086F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Part Number
Drawing
Suggested
LED*
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
597-3XX1-207F
597-77X1-207F
515-1001F
515-1011F
515-1038F
515-1039F
515-1049F
515-1054F
4
PCB Mount Single Position Horizontal
.420±.005
(10,67±0,12)
.245
(6,22)
.150
(3,81)
.066
(1,68)
.095
(2,41)
.719
(18,26)
.006
(0,15)
.479
(12,17)
.118±.005
(3±0,12)
.624
(15,85)
.642
(16,31)
.109
(2,77)
.240
(6,1)
.262 MAX
PANEL THICKNESS
.216±.005
(5,49±0,12)
.575
.160
.345
.092
.085
.250
CHARMILLE #24 FINISH
.190
Ø
.190
.066
.050
PIN #1
.155
.095
.462
(11,73)
Ø.230±.005
(5,84±0,12)
.230
(5,84)
.320±.005
(8,13±0,12) .21
(5,3)
.43
(10,9)
.100
(2,54)
.173±.005
(4,39±0,12)
.346±.005
(8,79±0,12)
Ø.116 MOUNTING PINS
TYP (2 PLCS)
CURVED & DIFFUSED
FRONT SURFACE
.293
(7,44)
.876
(22,25)
.15
(3,8)
.30
(7,6)
Ø.116 MOUNTING PINS
(2) PLACES
.346
±.007
.173
±.005
.10
.20
.882
1.00
Ø.230
.230
.46
FRONT PANEL
.88
.150
.703
1.00
.300
Ø.140±.007
(3,56±0,17)
.140
(3,56)
.095
(2,41)
Ø.079 (NOM)
MOUNTING PINS
TYP: 2 PLCS
.106±.007
(2,69±0,17)
.117±.007
(2,97±0,17)
.340
(8,64)
.290
(7,37)
.65
(16,6)
(REF)
.21
(5,3)
(REF)
.270
(6,86)
.095
(2,41)
.062 P.C. BOARD
FRONT PANEL
.11
Ø.079;
2 PLCS
.350
.350
.450
.03
.063
.090
.065
.170
.300
.045
.200
.130
.080
* ’X’ represents a variable part number. See page 17 for LED details.


Similar Part No. - 515-1086F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1001 DIALIGHT-515-1001 Datasheet
406Kb / 1P
   3 x 5.5mm Rectangular Optical Light Pipe
515-1020-806F DIALIGHT-515-1020-806F Datasheet
181Kb / 1P
   4 ELEMENT LIGHTPIPE W/ LIGHT SHIELD
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
515-1027-80F DIALIGHT-515-1027-80F Datasheet
35Kb / 1P
   LIGHT PIPE 1.68MM DIAM 5.26MM LG
515-1029 DIALIGHT-515-1029 Datasheet
445Kb / 1P
   2.4 x 5mm Rectangular
More results

Similar Description - 515-1086F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com