Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515-1045F Datasheet(PDF) 3 Page - Dialight Corporation

Part # 515-1045F
Description  Light Pipe Selector Guide Optopipe짰 Lightpipes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

515-1045F Datasheet(HTML) 3 Page - Dialight Corporation

  515-1045F Datasheet HTML 1Page - Dialight Corporation 515-1045F Datasheet HTML 2Page - Dialight Corporation 515-1045F Datasheet HTML 3Page - Dialight Corporation 515-1045F Datasheet HTML 4Page - Dialight Corporation 515-1045F Datasheet HTML 5Page - Dialight Corporation 515-1045F Datasheet HTML 6Page - Dialight Corporation 515-1045F Datasheet HTML 7Page - Dialight Corporation 515-1045F Datasheet HTML 8Page - Dialight Corporation 515-1045F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Typical Applications
Data center Infrastructure
Servers - Rack mount; blade; tower
Storage – High-performance storage subsystems for high- end enterprise
Networking Equipment for enterprise data centers and telecom communication centers
Switches, routers, and network control equipment interconnected using fiber optic and
high speed wiring
Storage Networking Hardware
Fiber channel host bus adapter cards (HBAs); converged network adapter cards (CNAs);\ISCSi adapter cards;
InfiniBand adapter cards
Next-Gen Wireless
Wireless Infrastructure
Electronic Test & Measurement Instruments
Communications Testing Equipment
Process controls
Automation
Medical
Handheld devices
Dialight Optopipes®
Dialight’s expertise in LED indication and lighting is apparent in our line of engineered light-pipes. Dialight has been a
leading manufacturer of lightpipes for network communication and electronic equipment for more than 10 years. Our
200 standard and custom solutions are complemented by new designs resulting from customer requirements or market
developments. Dialight’s optical and mechanical engineers use the latest modeling tools to develop mechanical and
optical simulations that ensure expected performance of the design. SLAs are available to represent the physical and
optical characteristics of the design. Dialight also has an extensive optics lab for post-design measurement and analysis.
With various single and multiple position products for either Panel Mount or PCB Mount oriented lightpipes already in
production, we also have the added capability to manufacture custom solutions to meet your specific requirements.
Features and Benefits
Impervious to failure due to shock and vibration
Up to 90% more efficient than traditional light sources when delivering monochromatic light
Low-voltage and minimal power consumption
Light is produced through photonic emission, not as a by-product of a radiating heat source
Molded from RoHS compliant UL94-V0 Water Clear Polycarbonate with an oxygen index of 35%.
To compliment our wide range of Lightpipes, Dialight is also the worldwide leader in applied LED technology including
Circuit Board and Panel Mount Indicators, Surface Mount LEDs, LED signaling products for the transportation industry
and LED lighting fixtures for industrial users. Dialight’s Lightpipes are available through our extensive line of Sales Repre-
sentatives and Distributors world-wide. For a complete listing that includes the ability to check stock status at our
Distribution partners, please visit our website at www.dialight.com. The most current version of this catalog will always
be availble at: www.dialight.com/assets/brochures_and_catalogs/indication/lightpipe_selector_guide.pdf
3


Similar Part No. - 515-1045F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1040 DIALIGHT-515-1040 Datasheet
19Kb / 1P
   Optical Light Pipe, 4 Array, Panel Mounted
More results

Similar Description - 515-1045F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
515-1027 DIALIGHT-515-1027 Datasheet
408Kb / 1P
   1.1mm Round Optopipe짰 Optical Light Pipe, Panel Mount
logo
Kingbright Corporation
KL-02 KINGBRIGHT-KL-02 Datasheet
36Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-S011331S LUMEX-LPA-S011331S Datasheet
41Kb / 1P
   LIGHT PIPE
logo
Kingbright Corporation
KL-07LS KINGBRIGHT-KL-07LS Datasheet
41Kb / 1P
   LIGHT PIPE
logo
LUMEX INC.
LPA-C051301S LUMEX-LPA-C051301S Datasheet
93Kb / 1P
   LIGHT PIPE
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
VLP-350-R ETC2-VLP-350-R Datasheet
196Kb / 1P
   vertical light pipe
logo
LUMEX INC.
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
logo
Richco, Inc.
VLP1-D-5 RICHCO-VLP1-D-5 Datasheet
75Kb / 1P
   VERTICAL LIGHT PIPE
logo
LUMEX INC.
LPF-R061252S-2 LUMEX-LPF-R061252S-2 Datasheet
79Kb / 1P
   CUSTOM LIGHT PIPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com