Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZA3C2N Datasheet(PDF) 1 Page - Dialight Corporation

Part # HZA3C2N
Description  SafeSite짰 Series LED Area Light
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HZA3C2N Datasheet(HTML) 1 Page - Dialight Corporation

  HZA3C2N Datasheet HTML 1Page - Dialight Corporation HZA3C2N Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SafeSite
® Series LED Area Light
ATEX/IECEx Version
Mechanical Information
Fixture Weight:
6.58kg (14.5 lb)
Shipping Weight:
7.48kg (16.5lb)
Mounting:
Supplied with Stirrup Mounting Bracket
Cabling:
Factory installed 3 metre SWB cable
Electrical specifications
Operating Voltage:
110-277VAC, 50/60 Hz
Power Consumption:
43W / 55W / 70W
Operating Temp:
-20°C to +65°C (-20°F to +149°F)
-40°C to +65°C also available
Surge Protection:
1 kV line to line
2 kV line to ground
THD:
<15%
Power Factor:
> 0.9
Construction
Housing:
Powder coated A360 aluminum
Finish:
Polyester / epoxy powder coat gray RAL
7040 for superior corrosion resistance
Lens:
Toughened glass
Photometric Information
CRI:
> 70
CCT:
5,700K (cool white)
4,500K (neutral white)
Optics:
180° f o r ward throw
360° f o r ward throw
IES Files:
Available upon request
All values typical unless otherwise stated
Certifications
Ex II 2GD Ex d IIC T4 Gb (Ta = -20°C to +65°C)
Ex II 2GD Ex d IIC T5 Gb (Ta = -20°C to +42°C)
Ex t IIIC T135°C Db IP 6X (Ta = -20°C to +65°C)
Ex t IIIC T100°C Db IP 6X (Ta = -20°C to +42°C)
-40°C variants available for all the above
Certificate numbers: IECEx SIR 11.0156
SIRA 11ATEX1357
ATEX Zones 1 & 21 and 2 & 22
IP66/67 rated
RoHS compliant
Features & Benefits
5 year full performance warranty
Instant on/off operation
Universal input (110-277 VAC), 50/60Hz
Superior colour rendition index compared to HPS, LPS, MV
Mercury free
Resistant to shock and vibration
Temperature compensation technology for longer life
L70 rated for >100,000 hours @ 25°C ambient
Factory sealed
Junction box version also available
Application:
The SafeSite® Series LED area light represents the future of energy
efficient facility illumination for hazardous areas worldwide. The ATEX
/IECEx area lighting fixture consumes at least 50% less energy compared
to traditional HID light sources, while reducing maintenance and carbon
emissions. This light incorporates both cutting edge LED technology
along with proprietary optics to achieve area lighting comparable with
other traditional light sources.
www.dialight.com
Ordering Codes:
Part Number
Optical Pattern1
Color2
Lumens
Watts
Lumens Per Watt
HZA2C2N
180
Cool White
3,500
43
81
HZA3C2N
360
Cool White
3,500
43
81
HZA4C2N
180
Cool White
4,500
55
82
HZA5C2N
360
Cool White
4,500
55
82
HZA8C2N
180
Cool White
5,500
70
79
HZA9C2N
360
Cool White
5,500
70
79
10.7
[272]
9.7
[246]
6.0
[152]
5.8
[148]
Ø.213
[5,41]
Ø.197
[5]
2.0 [51]
Dimensions in Inches [mm]
Patent Pending
1180° optical pattern versions are optimized for a 45° mounting angle
2Part numbers listed in the above table are cool white. For neutral white version replace the 5th character with N Ex: HZA2C2N becomes HZA2N2N
For -40°C to +65°C versions add LT to the standard part number Ex: HZA2C2N becomes HZA2C2N-LT


Similar Part No. - HZA3C2N

ManufacturerPart #DatasheetDescription
logo
RFE international
HZA300W-10R-J-HP RFE-HZA300W-10R-J-HP Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
HZA300W-10R-J-HS RFE-HZA300W-10R-J-HS Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
HZA300W-10R-J-HX RFE-HZA300W-10R-J-HX Datasheet
102Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HZ HQZ Series: Flat Type, Non-Flammable
logo
List of Unclassifed Man...
HZA336M025C12T-F ETC2-HZA336M025C12T-F Datasheet
777Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZA336M025C12T-F CDE-HZA336M025C12T-F Datasheet
777Kb / 7P
   Very Low ESR and High Ripple Current
More results

Similar Description - HZA3C2N

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HZC2C2N DIALIGHT-HZC2C2N Datasheet
291Kb / 2P
   SafeSite짰 Series LED Area Light
HZD2C2N DIALIGHT-HZD2C2N Datasheet
285Kb / 2P
   SafeSite짰 Series LED Area Light
HZD2C2NC DIALIGHT-HZD2C2NC Datasheet
135Kb / 2P
   SafeSite짰 LED Area Light with Retrofit Adapter Kit
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
HZC8C2N DIALIGHT-HZC8C2N Datasheet
178Kb / 2P
   SafeSite Series LED Area Light
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
   DuroSite LED Area Light
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
   SafeSite LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com