Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D464-3002 Datasheet(PDF) 7 Page - Dialight Corporation

Part # D464-3002
Description  Vigilant짰 Series LED Based Obstruction Lights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

D464-3002 Datasheet(HTML) 7 Page - Dialight Corporation

  D464-3002 Datasheet HTML 1Page - Dialight Corporation D464-3002 Datasheet HTML 2Page - Dialight Corporation D464-3002 Datasheet HTML 3Page - Dialight Corporation D464-3002 Datasheet HTML 4Page - Dialight Corporation D464-3002 Datasheet HTML 5Page - Dialight Corporation D464-3002 Datasheet HTML 6Page - Dialight Corporation D464-3002 Datasheet HTML 7Page - Dialight Corporation D464-3002 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.dialight.com
Vigilant
® Series LED Based 860
L-810 Red LED Obstruction Lights
Lens Assembly
Wire
Housing
5.79”
(147mm) REF
9.75”
(247.7mm)
REF
14.14”
(359.2mm)
REF
15.54” (394.6mm)
REF
Dimensions in Inches [mm]
Unit Weight:
7.14 lb (3.23 kg) (Single Unit)
16.06 lb (7.28 kg) (Dual Unit)
Supply voltage ranges:
Nominal +/- 10%
Wattage:
15W / 120mA (120 VAC Units)
16W / 120mA (230 VAC Units - 60 Hz)
16W / - (230 VAC Units - 50 Hz)
24W / 2.0A (12 VDC Units - Standard)
20W / 920mA (24 VDC Units)
13W / 275mA (48 VDC Units)
Operating Temp:
-67ºF to +131ºF (-55ºC to +55ºC)
Application:
The Dialight Vigilant
® 860 series is an FAA type L-810 red LED obstruction
light. Designed for steady burning, this fixture is used to mark any
obstacle that may present hazards to aircraft navigation.
Order codes:
Part Number
Configuration
Compliance
Operating Voltage
860-1R01-001
Single Fixture
FAA
120 VAC
860-1R03-001
Single Fixture
FAA
12 VDC
860-1R04-001
Single Fixture
FAA
48 VDC
860-1R05-001
Single Fixture
FAA
24 VDC
860-1R02-001
Single Fixture
FAA
230 VAC
860-5R02-001
Single Fixture
ICAO, 10cd
230 VAC
860-6R01-001
Single Fixture
TC
120 VAC
860-1R02-001-EU
Single Fixture
ICAO
230 VAC
860-4R02-001-EU
Single Fixture
ICAO, 50cd
230 VAC
860-1R01-002
Dual Fixture
FAA
120 VAC
860-1R03-002
Dual Fixture
FAA
12 VDC
860-1R04-002
Dual Fixture
FAA
48 VDC
860-1R05-002
Dual Fixture
FAA
24 VDC
860-1R02-002
Dual Fixture
FAA
230 VAC
860-5R02-002
Dual Fixture
ICAO, 10 cd
230 VAC
860-6R01-002
Dual Fixture
TC
120 VAC
860-7R02-002
Dual Fixture
CASA,100 cd
230 VAC
860-1R02-002-EU
Dual Fixture
ICAO
230 VAC
860-4R02-002-EU
Dual Fixture
ICAO, 50cd
230 VAC
11.14”
(283.1 mm) REF
Dialight also offers these LED obstruction lights
for use in Hazardous Locations (Class I, Div. 2)
SafeSite
® Series L-810 Red
LED Obstruction Lights
SafeSite
® Series 860 LED
Steady Burn Visual Signals
SafeSite
® Series FLS Series
Flashing Visual Signals
US Patent #6,425,678 other patents pending
7
Certifications & Ratings
FAA AC NO: 150/5345-43F
FAA Engineering Brief No. 67
IP65 rated
IP66 rated
NEMA 4X Rated
Qualified By
Intertek ETL
Lighting Sciences Canada
Compliant to
DGAC Mexico
ICAO Annex 14, 5th Edition, July 2009
ICAO Aerodromes Design Manual, Chapter 18
Canadian Aviation Regulation CAR 621.19 (Transport Canada)
Nachrichten für Luftfahrer Teil I Langen, 6. Januar 2005
German Air Traffic Control Notices For Pilots Part I 6, January 2005
CASA
Features & Benefits
Full performance 5 year warranty
Shock and vibration resistant
Patented optic with sharp beam cutoff
Available as a single or dual unit
Available in 12VDC, 24VDC, 48VDC, 120VAC, and 230VAC
versions (50 or 60HZ)
Unique optically designed lens to enhance LED operation and
provide 360
o visibility
Weather/corrosion resistant lamp assembly andhousing
Self-contained wiring compartment eliminates additional boxes
Threaded 1” and 3/4” bottom hub for mounting
Can be operated steady or flashed (controller not supplied)
Complete Performance 5 year warranty
Rugged metal design


Similar Part No. - D464-3002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
D464-A13-001EU DIALIGHT-D464-A13-001EU Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
More results

Similar Description - D464-3002

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTOCR07001 DIALIGHT-RTOCR07001 Datasheet
120Kb / 1P
   Vigilant L-810 Infrared (IR) LED Obstruction Lights
D464-R13-001 DIALIGHT-D464-R13-001 Datasheet
231Kb / 1P
   Vigilant짰 L-864 Infrared (IR) LED Based Medium Intensity Red Beacon
D464-A13-001 DIALIGHT-D464-A13-001 Datasheet
410Kb / 4P
   LED Based L-864 Red Medium Intensity Beacon for Obstruction Applications
logo
Banner Engineering Corp...
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
   LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
   LED..SW Series Spot Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
   LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
   LED..R..W Series Ring Lights
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
   DuroSite Series LED Visual Signal Lights
logo
Banner Engineering Corp...
LEDIR62X62M BANNER-LEDIR62X62M Datasheet
227Kb / 2P
   LED..R..M Series Ring Lights
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
   Astrolite LED Indicator Lights
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com