Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

433-2220-001XL Datasheet(PDF) 2 Page - Dialight Corporation

Part # 433-2220-001XL
Description  ITE Compliant LED Signal Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

433-2220-001XL Datasheet(HTML) 2 Page - Dialight Corporation

  433-2220-001XL Datasheet HTML 1Page - Dialight Corporation 433-2220-001XL Datasheet HTML 2Page - Dialight Corporation 433-2220-001XL Datasheet HTML 3Page - Dialight Corporation 433-2220-001XL Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dialight.com
All LED Ball Signal Modules (8 inch (200mm) and 12 inch (300mm)
shall be fully compliant to the ITE VTCSH LED Circular Supplement specifications dated and adopted June
27, 2005. Compliance to the ITE VTCSH-2 Interim Purchase Specification is not sufficient, and will not
substitute for compliance to the ITE VTCSH LED Circular Supplement specifications. Additionally, prior to bid
award, the manufacturer shall submit to purchaser, reports from ETL/Intertek, that certify full compliance of
all LED ball signal modules to the entire ITE specification. These tests should include but not be limited to
the luminous intensity measurements and requirements outlined in the ITE specification sections 6.4.4
through 6.4.4.4.2 (25°C and 74°C / 49°C). Evidence of full compliance to all required testing methods,
procedures and sections as outlined in the above ITE document Figure 2, Design Qualification Testing Flow
Chart must be included without any exceptions, changes or omissions. The manufacturer must also submit
a data sheet showing the exact catalog number of the items submitted on the bid and the Independent
Lab report must show full qualification of this catalog number.
To ensure optimal quality of illumination; uniformity; reliability; and appearance, all ball traffic signal
modules shall utilize Hi-flux LEDs rated at 1-watt or higher, as their source of illumination. To ensure
competency of design and manufacturing, manufacturers of ball, arrow, and pedestrian signal modules
shall have a minimum of 7 years of experience in utilizing Hi-flux LEDs rated at 1-watt or higher, as the source
of illumination in their ball traffic signal modules. Additionally, manufacturers must have utilized in excess of
20 million Hi-flux LEDs in their LED traffic signal modules during the most recent 10 year period.
All LED 12 inch (300 mm) Arrow Signal Modules
shall be fully compliant to the “Omni-directional” specifications of the ITE VTCSH - LED Vehicle Arrow Traffic Signal Supplement adopted July 1, 2007.
Additionally, prior to bid award, the manufacturer shall submit to purchaser, reports from ETL/Intertek that certify full compliance of all LED Arrow signal
modules. These tests should include but not be limited to the luminous intensity measurements and requirements outlined in the ITE specification
sections 6.4.4 through 6.4.4.4.2 (25°C and 74°C / 49°C). Evidence of full compliance to all required testing methods, procedures and sections as
outlined in the above ITE document Attachment 1, “Design Qualification Testing Flow Chart” must be included without any exceptions, changes or
omissions The manufacturer must also submit a data sheet showing the exact catalog number of the items submitted on the bid and the Independent
Lab report must show full qualification of this catalog number.
All LED 16x18 Countdown Pedestrian Signal Modules
shall be fully compliant to the ITE PTCSI Part-2: LED Pedestrian Traffic Sig nal Modules specifications adopted August 4, 2010 or the latest adopted version
as listed on the ITE website at time of bid. Additionally, prior to bid award, the manufacturer shall submit to purchaser, reports from ETL/Intertek that certify
full compliance of LED signal modules, to these specifications. Evidence of full compliance to all required testing methods, procedures and sections as
outlined in the above ITE document Attachment 2, “Design Qualification Testing Flow Chart” must be included without any exceptions, changes or
omissions. The manufacturer must also submit a data sheet showing the exact catalog number of the items submitted on the bid and the Independent
Lab report must show full qualification of this catalog number. Combination hand/person pedestrian signal modules shall incorporate separate power
supplies for the hand and the person icons.
In addition to, and in excess of the above applicable ITE specification compliance, the on-board circuitry of all LED traffic signal modules shall include
voltage surge protection, to withstand high-repetition noise transients and low-repetition high-energy transients as stated in Section 2.1.8, NEMA Standard
TS 2-2003. In addition, the module shall comply with the following standards: IEC 1000-4-5 at 3kV with a 2 ohm source impedance, ANSI/IEEE
C62, 41-2002; IEC 61000-4-12 (6kV, 200A, 100kHz ring wave).
Warranty:
Manufacturer shall provide at time of bid, a written warranty which provides for repair or replacement of modules that fail to function as intended due to
workmanship or material defects within the first 60 months from date of delivery. Modules which exhibit luminous intensities less than the minimum as
specified in the ITE specifications as indicated above, within the first 60 months from date of delivery shall be replaced or repaired.
Notes:
CSA approved to the following applicable requirements:
CSA Standard C22.2 No. 9.0-96 General Requirements for Luminaires
CSA Std. No. C22.2 No. 250.0-04 Luminaires
UL Std. No. 1598-2004 (May 2006) Luminaires
ITE Compliant LED Traffic Signal Module Performance Specifications
Designed in the U.S.A
Meets Buy American provision
under the American Recovery and
Reinvestment Act 2009
For projects requiring Buy American provision certification,
consult factory for additional information
and special ordering details


Similar Part No. - 433-2220-001XL

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
433-2220-001XL DIALIGHT-433-2220-001XL Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
433-2220-001XLB DIALIGHT-433-2220-001XLB Datasheet
102Kb / 1P
   12??Bicycle LED Traffic Module
433-2220-001XLU DIALIGHT-433-2220-001XLU Datasheet
69Kb / 1P
   120 Volt LED Modules U-Turn Arrow
More results

Similar Description - 433-2220-001XL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AX-SIGFOX-MODS ONSEMI-AX-SIGFOX-MODS_16 Datasheet
235Kb / 13P
   Compliant Modules
April, 2016 ??Rev. 3
logo
Dialight Corporation
432-1314-001XOD DIALIGHT-432-1314-001XOD Datasheet
389Kb / 4P
   LED Signal Modules and Pedestrian Signals
logo
MORNSUN Science& Techno...
TEM5630AN MORNSUN-TEM5630AN_15 Datasheet
226Kb / 3P
   Signal conditioning modules
logo
CINCON ELECTRONICS Corp...
CFM40M CINCON-CFM40M Datasheet
542Kb / 3P
   40W MEDICAL AND ITE OPEN FRAME AC-DC MODULES
logo
MORNSUN Science& Techno...
TF5134N MORNSUN-TF5134N_15 Datasheet
306Kb / 5P
   Signal conditioning modules
TEM4540CN MORNSUN-TEM4540CN_15 Datasheet
752Kb / 4P
   Signal conditioning modules
logo
CINCON ELECTRONICS Corp...
CFM100M CINCON-CFM100M Datasheet
418Kb / 2P
   100W MEDICAL&ITE OPEN FRAME AC-DC MODULES WITH PFC
logo
Marl International Limi...
795-107-00-51 MARL-795-107-00-51 Datasheet
379Kb / 3P
   LED MODULES
logo
CINCON ELECTRONICS Corp...
CFM150M CINCON-CFM150M Datasheet
301Kb / 2P
   150W MEDICAL AND ITE OPEN FRAME AC-DC MODULES WITH PFC
logo
Vishay Siliconix
LEE-128G032B VISHAY-LEE-128G032B Datasheet
135Kb / 3P
   LED Display Modules
Revision: 07-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com