Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFT243264-7UFLWI Datasheet(PDF) 1 Page - P-tec Corporation

Part # PTFT243264-7UFLWI
Description  TFT Display Solutions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PTFT243264-7UFLWI Datasheet(HTML) 1 Page - P-tec Corporation

  PTFT243264-7UFLWI Datasheet HTML 1Page - P-tec Corporation PTFT243264-7UFLWI Datasheet HTML 2Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
We work with tier one TFT panel manufacturers to provide a
wide range of standard TFT modules. Additionally, we offer
customized modifications to standard modules, semi-custom
and full custom solutions to fulfill the needs of our customers.
Our TFT portfolio covers sizes from 1.8” to 10.2”.
In partnership with our factory, we are able to provide both
industry standard and special feature modules suitable for
industrial, medical, or other applications.
WE’RE HERE TO HELP
We’ll work with you to to make
sure you’re getting the best part
for your specific application. Our
process is quick and painless, and
we always offer competitive
pricing and lead times.
CUSTOMIZABLE PRODUCTS
Can’t find a standard TFT module
to fulfill your application’s require-
ments? No problem. We’ll work
with you and our factory engi-
neers to develop a customized
solution just for you.
RELIABILITY IN PERFORMANCE
Our tried and true factory uses
quality parts and components to
create high-performance, high-
reliability items. We boast both
accessibility and flexible to ensure
you’ll love what you buy.
QUALITY PRODUCTS
We’ve been in business for almost
30 years. For a small company,
this is only possible by supplying
only the highest quality parts and
offering the customer service to
match.
Solutions for daylight applications, long-life
LED backlight requirements, and special
touch panel technologies can be offered with
a focus on best cost/performance ratio.
*
p:719.588.1543
|
WWW.P-TEC.NET
THRU-HOLE LEDs
LED Displays
LCDs
HIGH POWER LEDs
LAMPS & LUMINAIRES
P-TEC
CORPORATION
Small to Medium
TFT Display Solutions


Similar Part No. - PTFT243264-7UFLWI

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PTFT2002A-BCFBD P-TEC-PTFT2002A-BCFBD Datasheet
435Kb / 13P
   240 Column X 64 Row
PTFT2002A-BCFGD P-TEC-PTFT2002A-BCFGD Datasheet
435Kb / 13P
   240 Column X 64 Row
PTFT2002A-BCFOD P-TEC-PTFT2002A-BCFOD Datasheet
435Kb / 13P
   240 Column X 64 Row
PTFT2002A-BCFSD P-TEC-PTFT2002A-BCFSD Datasheet
435Kb / 13P
   240 Column X 64 Row
PTFT2002A-BCFWD P-TEC-PTFT2002A-BCFWD Datasheet
435Kb / 13P
   240 Column X 64 Row
More results

Similar Description - PTFT243264-7UFLWI

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
OS096036PP10MY0B10 OSRAM-OS096036PP10MY0B10 Datasheet
293Kb / 2P
   OLED DISPLAY SOLUTIONS
OS096064PN11MY0B10 OSRAM-OS096064PN11MY0B10 Datasheet
244Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PN10MY0B10 OSRAM-OS128064PN10MY0B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS080048PK09MY0B10 OSRAM-OS080048PK09MY0B10 Datasheet
161Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK16MY0Z00 OSRAM-OS128064PK16MY0Z00 Datasheet
111Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK27MG0B00 OSRAM-OS128064PK27MG0B00 Datasheet
293Kb / 2P
   OLED DISPLAY SOLUTIONS
OS96016PP08MY0B10 OSRAM-OS96016PP08MY0B10 Datasheet
217Kb / 2P
   OLED DISPLAY SOLUTIONS
OS096064PK12MY0Z00 OSRAM-OS096064PK12MY0Z00 Datasheet
90Kb / 2P
   OLED DISPLAY SOLUTIONS
logo
AZ Displays
ATM3224C AZDISPLAYS-ATM3224C Datasheet
60Kb / 4P
   COMPLETE LCD SOLUTIONS - TFT Driver Board
logo
A-BRIGHT Inc
99-213UWC A-BRIGHT-99-213UWC Datasheet
247Kb / 6P
   TFT DISPLAY LED
2009/2/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com