Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67C518 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM67C518
Description  32K x 18 Bit BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67C518 Datasheet(HTML) 5 Page - Motorola, Inc

  MCM67C518 Datasheet HTML 1Page - Motorola, Inc MCM67C518 Datasheet HTML 2Page - Motorola, Inc MCM67C518 Datasheet HTML 3Page - Motorola, Inc MCM67C518 Datasheet HTML 4Page - Motorola, Inc MCM67C518 Datasheet HTML 5Page - Motorola, Inc MCM67C518 Datasheet HTML 6Page - Motorola, Inc MCM67C518 Datasheet HTML 7Page - Motorola, Inc MCM67C518 Datasheet HTML 8Page - Motorola, Inc MCM67C518 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MCM67C518
5
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5% TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1A Unless Otherwise Noted
. . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, 3, and 4)
MCM67C518–6
MCM67C518–7
MCM67C518–9
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
10
12.5
15
ns
Clock Access Time
tKHQV
6
7
9
ns
5
Output Enable to Output Valid
tGLQV
5
5
6
ns
Clock High to Output Active
tKHQX1
2
2
2
ns
Clock High to Output Change
tKHQX2
2
2
2
ns
Output Enable to Output Active
tGLQX
0
0
0
ns
Output Disable to Q High–Z
tGHQZ
6
6
6
ns
6
Clock High to Q High–Z
tKHQZ
2
6
2
6
2
6
ns
Clock High Pulse Width
tKHKL
4
5
5
ns
Clock Low Pulse Width
tKLKH
4
5
5
ns
Setup Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tAVKH
tADSVKH
tDVKH
tWVKH
tADVVKH
tEVKH
2.5
2.5
2.5
ns
7
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHADVX
tKHEX
0.5
0.5
0.5
ns
7
NOTES:
1. In setup and hold times, W (write) refers to either one or both byte write enables LW and UW.
2. A read cycle is defined by UW and LW high or ADSP low for the setup and hold times. A write cycle is defined by LW or UW low and ADSP
high for the setup and hold times.
3. All read and write cycle timings are referenced from K or G.
4. G is a don’t care when UW or LW is sampled low.
5. Maximum access times are guaranteed for all possible i486 and Pentium external bus cycles.
6. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B. This parameter is sampled rather than 100% tested. At
any given voltage and temperature, tKHQZ max is less than tKHQZ1 min for a given device and from device to device.
7. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of K whenever ADSP or ADSC
is low, and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges of K when
the chip is enabled. Chip enable must be valid at each rising edge of clock for the device (when ADSP or ADSC is low) to remain enabled.
AC TEST LOADS
Figure 1A
Figure 1B
5 pF
+ 5 V
OUTPUT
480
255
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V


Similar Part No. - MCM67C518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618A MOTOROLA-MCM67C618A Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN5 MOTOROLA-MCM67C618AFN5 Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618AFN7 MOTOROLA-MCM67C618AFN7 Datasheet
158Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM67C518

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J518 MOTOROLA-MCM67J518 Datasheet
218Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RA
MCM62486B MOTOROLA-MCM62486B Datasheet
197Kb / 12P
   32K x 9 Bit BurstRAM Synchronous Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com