Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH409-1 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH409-1
Description  GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH409-1 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH409-1 Datasheet HTML 1Page - Siemens Semiconductor Group SFH409-1 Datasheet HTML 2Page - Siemens Semiconductor Group SFH409-1 Datasheet HTML 3Page - Siemens Semiconductor Group SFH409-1 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
1997-11-01
SFH 409
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TA = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (IF)
Ι
OHR00864
F
-1
10
10
-2
-1
10
0
10
A
10
1
10
0
mA)
(100
e
Ι
e
Ι
10
1
τ
OHR00865
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
T
Ι
F
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =
τ
τ
Max. permissible forward current
IF = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
= 450 K/W
thjA
R
Radiation characteristics Irel = f (ϕ)
OHR01887
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - SFH409-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH409-2 OSRAM-SFH409-2 Datasheet
57Kb / 5P
   GaAs-IR-Lumineszenzdiode
SFH409-2 OSRAM-SFH409-2 Datasheet
138Kb / 7P
   GaAs-IR-Lumineszenzdiode
More results

Similar Description - SFH409-1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com