Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH309F-4 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH309F-4
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH309F-4 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH309F-4 Datasheet HTML 1Page - Siemens Semiconductor Group SFH309F-4 Datasheet HTML 2Page - Siemens Semiconductor Group SFH309F-4 Datasheet HTML 3Page - Siemens Semiconductor Group SFH309F-4 Datasheet HTML 4Page - Siemens Semiconductor Group SFH309F-4 Datasheet HTML 5Page - Siemens Semiconductor Group SFH309F-4 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
SFH 309
SFH 309 FA
NPN-Silizium-Fototransistor
Silicon NPN Phototransistor
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 380 nm bis 1180 nm
(SFH 309) und bei 880 nm (SFH 309 FA)
q
Hohe Linearität
q
3 mm-Plastikbauform im LED-Gehäuse
q
Gruppiert lieferbar
Anwendungen
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
380 nm to 1180 nm (SFH 309) and of
880 nm (SFH 309 FA)
q
High linearity
q
3 mm LED plastic package
q
Available in groups
Applications
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
SFH 309
SFH 309 FA
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified
01.97


Similar Part No. - SFH309F-4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH309FA OSRAM-SFH309FA Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
More results

Similar Description - SFH309F-4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com