Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH325FA-4 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SFH325FA-4
Description  NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH325FA-4 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SFH325FA-4 Datasheet HTML 1Page - Siemens Semiconductor Group SFH325FA-4 Datasheet HTML 2Page - Siemens Semiconductor Group SFH325FA-4 Datasheet HTML 3Page - Siemens Semiconductor Group SFH325FA-4 Datasheet HTML 4Page - Siemens Semiconductor Group SFH325FA-4 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
SFH 325
SFH 325 FA
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen
Ziffern gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished
by arabian figures.
1) I
PCEmin ist der minimale Fotostrom der jeweiligen Gruppe
1) I
PCEmin is the min. photocurrent of the specified group
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH
325/FA
-2
-3
-4
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.1 mW/cm
2, V
CE = 5 V
SFH 325:
E
v = 1000 Ix, Normlicht/standard
light A,
V
CE = 5 V
I
PCE
I
PCE
≥ 16
16 ... 32
420
25 ... 50
650
≥ 40
1000
µA
µA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
76
7
8
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.1 mW/cm
2
V
CEsat
150
150
150
150
mV
Directional characteristics Srel = f (ϕ)


Similar Part No. - SFH325FA-4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
More results

Similar Description - SFH325FA-4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2486 OSRAM-Q65110A2486 Datasheet
203Kb / 10P
   NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
logo
OSRAM GmbH
SFH3201 OSRAM-SFH3201 Datasheet
70Kb / 7P
   NPN-Silizium-Fototransistor im SMT-Gehase
SFH320 OSRAM-SFH320_01 Datasheet
149Kb / 7P
   NPN-Silizium-Fototransistor im SMT TOPLED
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH3211 OSRAM-SFH3211 Datasheet
76Kb / 7P
   NPN-Silizium-Fototransistor in SMT TOPLED
logo
Siemens Semiconductor G...
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com