Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98355A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX98355A
Description  PCM Input Class D Audio Power Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98355A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX98355A Datasheet HTML 1Page - Maxim Integrated Products MAX98355A Datasheet HTML 2Page - Maxim Integrated Products MAX98355A Datasheet HTML 3Page - Maxim Integrated Products MAX98355A Datasheet HTML 4Page - Maxim Integrated Products MAX98355A Datasheet HTML 5Page - Maxim Integrated Products MAX98355A Datasheet HTML 6Page - Maxim Integrated Products MAX98355A Datasheet HTML 7Page - Maxim Integrated Products MAX98355A Datasheet HTML 8Page - Maxim Integrated Products MAX98355A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX98355A/MAX98355B
PCM Input Class D Audio Power Amplifiers
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V, VGND = 0V, GAIN = VDD (+6dB). BCLK = 3.072MHz, LRCLK = 48kHz, speaker loads (ZSPK) connected between OUTP
and OUTN, ZSPK = J, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Power (Note 3)
POUT
THD+N 10%,
gain = 12dB
ZSPK = 4I + 33FH
3.2
W
ZSPK = 8I + 68FH
1.8
ZSPK = 8I + 68FH,
VDD = 3.7V
0.93
THD+N = 1%,
gain = 12dB
ZSPK = 4I + 33FH
2.5
ZSPK = 8I + 68FH
1.4
ZSPK = 8I + 68FH,
VDD = 3.7V
0.77
Total Harmonic Distortion +
Noise
THD+N
f = 1kHz, POUT = 1W, TA = +25NC,
ZSPK = 4I + 33FH
0.02
0.06
%
f = 1kHz, POUT = 0.5W, TA = +25NC,
ZSPK = 8I + 68FH
0.013
Dynamic Range
DR
A-weighted,
VRMS = 2.54V, 24- or 32-bit data
99
dB
Dynamic Range, High Gain
DRHG
A-weighted, gain = 15dB, VRMS = 4.55V
(clipping), 24- or 32-bit data
105
dB
Output Noise
VN
A-weighted, 24- or 32-bit data (Note 4)
25
F
VRMS
Output Noise, High Gain
VN_HG
A-weighted, gain = 15dB, 24- or 32-bit
data (Note 4)
25
F
VRMS
Gain (Relative to a 2.1dBV
Reference Level)
AV
GAIN = GND through 100kI
14.5
15
15.5
dB
GAIN = GND
11.5
12
12.5
GAIN = unconnected
8.5
9
9.5
GAIN = VDD
5.5
6
6.5
GAIN = VDD through 100kI
2.5
3
3.5
Current Limit
ILIM
2.8
A
Efficiency
h
ZSPK = 8I + 68FH, THD+N = 10%,
f = 1kHz, gain = 12dB
92
%
DAC Gain Error
1
%
Frequency Response
-0.2
+0.2
dB
DAC DIGITAL FILTERS
VOICE MODE IIR LOWPASS FILTER (LRCLK < 30kHz)
Passband Cutoff
fPLP
Ripple limit cutoff
0.443
x fS
Hz
-3dB cutoff
0.446
x fS
Stopband Cutoff
fSLP
0.464
x fS
Hz
Stopband Attenuation
f > fSLP
75
dB


Similar Part No. - MAX98355A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98355A MAXIM-MAX98355A Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
More results

Similar Description - MAX98355A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98357A MAXIM-MAX98357A Datasheet
2Mb / 38P
   PCM Input Class D Audio Power Amplifiers
Rev 2; 8/14
MAX98356 MAXIM-MAX98356 Datasheet
3Mb / 22P
   PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
   PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
logo
Silicon Laboratories
AN542 SILABS-AN542 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
logo
XFMRS Inc.
XF100910DL-100M XFMRS-XF100910DL-100M Datasheet
45Kb / 1P
   XF100910DL Series Power Inductors for Class D Digital Audio Amplifiers
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
   CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com