Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX98355A Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX98355A
Description  PCM Input Class D Audio Power Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98355A Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX98355A Datasheet HTML 22Page - Maxim Integrated Products MAX98355A Datasheet HTML 23Page - Maxim Integrated Products MAX98355A Datasheet HTML 24Page - Maxim Integrated Products MAX98355A Datasheet HTML 25Page - Maxim Integrated Products MAX98355A Datasheet HTML 26Page - Maxim Integrated Products MAX98355A Datasheet HTML 27Page - Maxim Integrated Products MAX98355A Datasheet HTML 28Page - Maxim Integrated Products MAX98355A Datasheet HTML 29Page - Maxim Integrated Products MAX98355A Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
���������������������������������������������������������������� Maxim Integrated Products 26
MAX98355A/MAX98355B
PCM Input Class D Audio Power Amplifiers
Standby Mode
If BCLK stops toggling, the ICs automatically enter
standby mode. In standby mode, the Class D speaker
is turned off and the outputs go into a high-impedance
state, ensuring that unwanted current is not transferred to
the load during this condition. Standby mode should not
be used in place of the shutdown mode, as the shutdown
mode provides the lowest power consumption and the
best power-on/off click-and-pop performance.
DAC Digital Filters
The DAC features a digital lowpass filter that is automati-
cally configured for voice playback or music playback
based on the sample rate that is used. This filter elimi-
nates the effect of aliasing and any other high-frequency
noise that might otherwise be present. Table 4 shows the
digital filter settings that are automatically selected.
SD_MODE and Shutdown Operation
The ICs feature a low-power shutdown mode, drawing
less than 0.6FA (typ) of supply current. During shutdown,
all internal blocks are turned off, including setting the
output stage to a high-impedance state. Drive SD_MODE
low to put the ICs into shutdown.
The state of SD_MODE determines the audio channel
that is sent to the amplifier output (Table 5).
Drive SD_MODE high to select the left word of the stereo
input data. Drive SD_MODE high through a sufficiently
small resistor to select the right word of the stereo input
data. Drive SD_MODE high through a sufficiently large
resistor to select both the left and right words of the
stereo input data ((left + right)/2). RLARGE and RSMALL
are determined by the VDDIO voltage (logic voltage from
control interface) that is driving SD_MODE according to
the following two equations:
RSMALL (kI) = 98.5 x VDDIO - 100
RLARGE (kI) = 222.2 x VDDIO - 100
Table 4. Digital Filter Settings
Table 5. SD_MODE Control
Table 6. Examples of SD_MODE Pullup Resistor Values
LRCLK FREQUENCY
-3dB CUTOFF
FREQUENCY
RIPPLE LIMIT CUTOFF
FREQUENCY
STOPBAND CUTOFF
FREQUENCY
STOPBAND
ATTENUATION (dB)
fLRCLK < 30kHz
0.446 x fLRCLK
0.443 x fLRCLK
0.464 x fLRCLK
75
30kHz < fLRCLK < 50kHz
0.47 x fLRCLK
0.43 x fLRCLK
0.58 x fLRCLK
60
fLRCLK > 50kHz
0.31 x fLRCLK
0.24 x fLRCLK
0.477 x fLRCLK
60
SD_MODE STATUS
SELECTED CHANNEL
High
VSD_MODE > B2 trip point (1.4V typ)
Left
Pullup through RSMALL
B2 trip point (1.4V typ) > VSD_MODE >
B1 trip point (0.77V typ)
Right
Pullup through RLARGE
B1 trip point (0.77 typ) > VSD_MODE >
B0 trip point (0.16V typ)
(Left + right)/2
Low
B0 trip point (0.16V typ) > VSD_MODE
Shutdown
LOGIC VOLTAGE LEVEL (VDDIO) (V)
RSMALL (kI, 1% TOLERANCE)
RLARGE (kI, 1% TOLERANCE)
1.8
76.8
300
3.3
226
634


Similar Part No. - MAX98355A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98355A MAXIM-MAX98355A Datasheet
1Mb / 16P
   2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
More results

Similar Description - MAX98355A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98355A MAXIM-MAX98355A_13 Datasheet
1Mb / 34P
   PCM Input Class D Audio Power Amplifiers
Rev 1; 8/13
MAX98357A MAXIM-MAX98357A Datasheet
2Mb / 38P
   PCM Input Class D Audio Power Amplifiers
Rev 2; 8/14
MAX98356 MAXIM-MAX98356 Datasheet
3Mb / 22P
   PDM Input Class D Audio Power Amplifier
Rev 0; 5/12
MAX98358ETE MAXIM-MAX98358ETE Datasheet
1Mb / 28P
   PDM Input Class D Audio Power Amplifier
19-7734; Rev 4; 3/20
logo
Silicon Laboratories
AN542 SILABS-AN542 Datasheet
1Mb / 12P
   PERFORMANCE IMPROVEMENTS IN CLASS D AUDIO AMPLIFIERS
logo
List of Unclassifed Man...
PAM8101 ETC1-PAM8101 Datasheet
100Kb / 4P
   Tiny 1.2 Watt Class-D Audio Amplifiers
logo
Maxim Integrated Produc...
MAX4295 MAXIM-MAX4295 Datasheet
719Kb / 18P
   Mono/Stereo 2W Switch-Mode (Class-D) Audio Power Amplifiers
Rev 1; 2/01
logo
XFMRS Inc.
XF100910DL-100M XFMRS-XF100910DL-100M Datasheet
45Kb / 1P
   XF100910DL Series Power Inductors for Class D Digital Audio Amplifiers
logo
AiT Semiconductor Inc.
A2203A AITSEMI-A2203A Datasheet
2Mb / 16P
   CLASS AB 1W DIFFERENTIAL AUDIO POWER AMPLIFIERS
REV1.0
logo
Rohm
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com