Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH409 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part No. SFH409
Description  GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

SFH409 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Semiconductor Group
4
1997-11-01
SFH 409
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
OHR01938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
3
3.5
4 V 4.5
max.
typ.
Radiant intensity
Single pulse,
tp = 20 µs
Permissible pulse handling capability
IF = f (τ), TA = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (IF)
Ι
OHR00864
F
-1
10
10
-2
-1
10
0
10
A
10
1
10
0
mA)
(100
e
Ι
e
Ι
10
1
τ
OHR00865
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
T
Ι
F
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =
τ
τ
Max. permissible forward current
IF = f (TA)
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
= 450 K/W
thjA
R
Radiation characteristics Irel = f (ϕ)
OHR01887
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
ϕ


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH4110GaAs Infrared Emitter Mini Sidelooker 1 2 3 4 5 List of Unclassifed Manufacturers
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
LD242GaAs Infrared Emitter 1 2 3 4 5 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn