Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH409 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part No. SFH409
Description  GaAs Infrared Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIEMENS [Siemens Semiconductor Group]
Homepage  http://www.siemens.com/
Logo 

SFH409 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SFH 409
Semiconductor Group
3
1997-11-01
Gruppierung der Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.01 sr
Grouping of radiant intensity I
e
in axial direction
at a solid angle of
Ω = 0.01 sr
1) Nur auf Anfrage lieferbar.
1) Available only on request.
Schaltzeiten, I
e von 10 % auf 90 % und von
90 % auf 10 %, bei
I
F = 100 mA, RL = 50 Ω
Switching times, I
e from 10 % to 90 % and
from 90 % to 10 %,
I
F = 100 mA, RL = 50 Ω
t
r, tf
1
µs
Durchlaßspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.30
(≤ 1.5)
1.9
(≤ 2.5)
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01
(≤ 1)µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
15
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.55
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 1.5
mV/K
Temperaturkoeffizient von
λ
peak, IF = 100 mA
Temperature coefficient of
λ
peak, IF = 100 mA
TCλ
+ 0.3
nm/K
Bezeichnung
Description
Symbol
Werte
Values
Einheit
Unit
SFH 409
SFH 409-11)
SFH 409-2
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
Ie
Ie typ.
≥ 6.3
6.3 ... 12.5
75
>10
120
mW/sr
mW/sr
Kennwerte (
T
A = 25 °C)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TLN110INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor
TLN102TOSHIBA INFRARED LED GaAs INFRARED EMITTER 1 2 3 4 5 Toshiba Semiconductor
SFH4110GaAs Infrared Emitter Mini Sidelooker 1 2 3 4 5 List of Unclassifed Manufacturers
SFH401GaAs INFRARED EMITTER 1 2 Siemens Semiconductor Group
OPE5294GaAs Infrared Emitter 1 2 List of Unclassifed Manufacturers
TLN117TOSHIBA INFRARED LED GAAS INFRAED EMITTER 1 2 3 4 5 Toshiba Semiconductor
MTE1100GaAs INFRARED EMITTER INFRARED LED FOR PHOTO SENSOR 1 2 Marktech Corporate
SFH435GaAs INFRARED EMITTER DOUBLE EMITTING DIODE 1 2 3 Siemens Semiconductor Group
LD242GaAs Infrared Emitter 1 2 3 4 5 Siemens Semiconductor Group
TLN105BTOSHIBA INFRARED LED GAAS INFRARED EMITTER 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn