Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17044X+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17044X+
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17044X+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17044X+ Datasheet HTML 5Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 6Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 7Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 8Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 9Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 10Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 11Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 12Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
9
SLEEP (Sleep Bit)
Writing SLEEP to logic 1 forces the ICs into Sleep
mode. Writing SLEEP to logic 0 forces the ICs to exit
Sleep mode. The power-up default value for SLEEP is
logic 0.
X (Don't Care)
This bit reads as either a logic 0 or logic 1. This bit cannot
be written.
ALRT (ALERT Flag)
This bit is set by the IC when the SOC register value
falls below the alert threshold setting and an interrupt is
generated. This bit can only be cleared by software.
The power-up default value for ALRT is logic 0.
ATHD (Alert Threshold)
The alert threshold is a 5-bit value that sets the state of
charge level where an interrupt is generated on the
ALRT pin. The alert threshold has an LSb weight of 1%
and can be programmed from 1% up to 32%. The
threshold value is stored in two’s-complement form
(00000 = 32%, 00001 = 31%, 00010 = 30%, 11111 =
1%). The power-up default value for ATHD is 4% or 1Ch.
COMMAND Register
The COMMAND register allows the host processor to
send special commands to the IC. Valid COMMAND
register write values are listed as follows. All other
COMMAND register values are reserved. Table 3
shows COMMAND register commands.
Application Examples
The MAX17043/MAX17044 have a variety of configura-
tions, depending on the application. Table 4 shows the
most common system configurations and the proper
pin connections for each.
VALUE
COMMAND
DESCRIPTION
5400h
POR
See the Power-On Reset
(POR) section.
Table 3. COMMAND Register Commands
SYSTEM CONFIGURATION
IC
VDD
ALRT
QSTRT
1S Pack-Side Location
MAX17043
Power directly from battery
Leave unconnected
Connect to GND
1S Host-Side Location
MAX17043
Power directly from battery
Leave unconnected
Connect to GND
1S Host-Side Location,
Low Cell Interrupt
MAX17043
Power directly from battery
Connect to system
interrupt
Connect to GND
1S Host-Side Location,
Hardware Quick-Start
MAX17043
Power directly from battery
Leave unconnected
Connect to rising-edge
reset signal
2S Pack-Side Location
MAX17044
Power from +2.5V to +4.5V
LDO in pack
Leave unconnected
Connect to GND
2S Host-Side Location
MAX17044
Power from +2.5V to +4.5V
LDO or PMIC
Leave unconnected
Connect to GND
2S Host-Side Location,
Low Cell Interrupt
MAX17044
Power from +2.5V to +4.5V
LDO or PMIC
Connect to system
interrupt
Connect to GND
2S Host-Side Location,
Hardware Quick-Start
MAX17044
Power from +2.5V to +4.5V
LDO or PMIC
Leave unconnected
Connect to rising-edge
reset signal
Table 4. Possible Application Configurations
Figure 5. CONFIG Register Format
MSB—ADDRESS 0Ch
LSB—ADDRESS 0Dh
RCOMP
27
RCOMP
26
RCOMP
25
RCOMP
24
RCOMP
23
RCOMP
22
RCOMP
21
RCOMP
20
SLEEP
X
ALRT
ATHD
24
ATHD
23
ATHD
22
ATHD
21
ATHD
20
MSB
LSB
MSB
LSB
ATHD UNITS: 1 LSB = 2’S COMPLEMENT 1%
ATHD RANGE: 11111b = 1%
00000b = 32%


Similar Part No. - MAX17044X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17044X++ MAXIM-MAX17044X+ Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17044X++ MAXIM-MAX17044X+ Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17044X+T10 MAXIM-MAX17044X+T10 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17044X+T10 MAXIM-MAX17044X+T10 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17044X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com