Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17501 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17501
Description  60V, 500mA, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17501 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17501 Datasheet HTML 1Page - Maxim Integrated Products MAX17501 Datasheet HTML 2Page - Maxim Integrated Products MAX17501 Datasheet HTML 3Page - Maxim Integrated Products MAX17501 Datasheet HTML 4Page - Maxim Integrated Products MAX17501 Datasheet HTML 5Page - Maxim Integrated Products MAX17501 Datasheet HTML 6Page - Maxim Integrated Products MAX17501 Datasheet HTML 7Page - Maxim Integrated Products MAX17501 Datasheet HTML 8Page - Maxim Integrated Products MAX17501 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
����������������������������������������������������������������� Maxim Integrated Products 3
MAX17501
60V, 500mA, Ultra-Small, High-Efficiency,
Synchronous Step-Down DC-DC Converter
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 24V, VGND = VPGND = 0V, CVIN = CVCC = 1FF, VEN = 1.5V, CSS = 3300pF, VFB = 0.98 x VOUT, LX = unconnected, RESET =
unconnected. TA = TJ = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC. All voltages are referenced to GND,
unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LX
LX Leakage Current
ILX_LKG
VEN = 0V, TA = +25NC,
VLX = (VPGND + 1V) to (VIN - 1V)
1
F
A
SOFT-START (SS)
Switchover to Internal Reference-
Voltage Threshold
VSS-TH
863
880
898
mV
Charging Current
ISS
VSS = 0.5V
4.7
5
5.3
F
A
FEEDBACK (FB)
FB Input Bias Current
IFB
TA = +25NC
MAX17501E,
VFB = 3.3V
6.8
12
17
F
A
MAX17501F,
VFB = 5V
6.8
12
17
F
A
OUTPUT VOLTAGE (VOUT)
Output Voltage Range
MAX17501E only
3.248
3.3
3.352
MAX17501F only
4.922
5
5.08
CURRENT LIMIT
Peak-Current-Limit Threshold
IPEAK-LIMIT
0.585
0.685
0.795
A
Runaway-Current-Limit Threshold
IRUNAWAY-
LIMIT
0.73
0.865
1
A
Valley Current-Limit Threshold
ISINK-LIMIT
0.3
0.35
0.4
A
TIMING
Switching Frequency
fSW
VFB >
VOUT-HICF
MAX17501E/F
560
600
640
kHz
VFB <
VOUT-HICF
280
300
320
Events to Hiccup After Crossing
Runaway-Current Limit
1
VOUT Undervoltage Trip Level to
Cause Hiccup
VOUT-HICF
VSS > 0.95V (soft-start is done)
69.14
71.14
73.14
%
HICCUP Timeout
32,768
Cycles
Minimum On-Time
tON_MIN
85
120
ns
Maximum Duty Cycle
DMAX
VFB = 0.98 x VFB-
REG
MAX17501E/F
92
94
96
%
LX Dead Time
5
ns


Similar Part No. - MAX17501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501A MAXIM-MAX17501A Datasheet
1Mb / 10P
   600kHz Switching Frequency
Rev 1; 10/13
MAX17501A MAXIM-MAX17501A Datasheet
1Mb / 10P
   Operates from a 4.5V to 60V Input Supply
Rev 1; 10/13
MAX17501AATB MAXIM-MAX17501AATB Datasheet
5Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 1/13
MAX17501AATB++ MAXIM-MAX17501AATB+ Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17501ATEVKIT MAXIM-MAX17501ATEVKIT Datasheet
1Mb / 10P
   Operates from a 4.5V to 60V Input Supply
Rev 1; 10/13
More results

Similar Description - MAX17501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17501 MAXIM-MAX17501_13 Datasheet
5Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 2; 1/13
MAX17501 MAXIM-MAX17501_V01 Datasheet
1Mb / 22P
   60V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17541G MAXIM-MAX17541G Datasheet
939Kb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 0; 6/15
MAX17541G MAXIM-MAX17541G_V01 Datasheet
1Mb / 17P
   42V, 500mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502 Datasheet
3Mb / 17P
   60V, 1A, Ultra-Small, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 5/12
MAX17502 MAXIM-MAX17502_V01 Datasheet
2Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2016
MAX17502 MAXIM-MAX17502_13 Datasheet
3Mb / 21P
   60V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
Rev 1; 11/12
MAX17551 MAXIM-MAX17551_V01 Datasheet
1Mb / 25P
   60V, 50mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2021
MAX15062 MAXIM-MAX15062_V01 Datasheet
3Mb / 23P
   60V, 300mA, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converters
2016
MAX17542G MAXIM-MAX17542G_V01 Datasheet
1Mb / 17P
   42V, 1A, Ultra-Small, High-Efficiency, Synchronous Step-Down DC-DC Converter
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com