Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17135_1205 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX17135_1205
Description  Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17135_1205 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX17135_1205 Datasheet HTML 1Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 2Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 3Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 4Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 5Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 6Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 7Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 8Page - Maxim Integrated Products MAX17135_1205 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Multi-Output DC-DC Power Supply with
VCOM Amplifier and Temperature Sensor for
E-Paper Applications
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, Typical Operating Circuit of Figure 2, VHVINP = 15V, VNEG = -15V, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25NC.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SEQUENCE SWITCHES
POS Output Range
VPOS
Tracks HVINP
VIN
17
V
POS On-Resistance
(HVINP - POS), IPOS = 100mA
0.9
1.3
I
POS Charge Current Limit
250
mA
POS Discharge Resistance
200
340
600
I
POS Soft-Start Charge Time
10
ms
NEG Output Range
VNEG
Tracks HVINN
-17
V
NEG On-Resistance
(HVINN - NEG), INEG = 100mA
0.6
1
I
NEG Charge Current Limit
250
mA
NEG Discharge Resistance
200
340
600
I
NEG Soft-Start Charge Time
10
ms
PGVDD On-Resistance
(HVINP - PGVDD), IPGVDD = 30mA
4
7
I
PGVEE On-Resistance
(HVINN - PGVEE), IPGVEE = 30mA
1.5
3
I
DGVDD AND DGVEE
DGVDD Input Voltage Range
7
40
V
DGVDD Discharge Resistance
800
1200
1600
I
DGVEE Input Voltage Range
-40
-7
V
DVGEE Discharge Resistance
800
1200
1600
I
VCOM Discharge Resistance
100
170
300
I
FAULT PROTECTION
HVINP Fault Threshold
VHVINP falling
75
80
85
%
FBP Fault Threshold
VFBP falling
0.95
1.00
1.05
V
FBPG Fault Threshold
VFBPG falling
0.95
1.00
1.05
V
HVINN Fault Threshold
VHVINN rising
-VHVINP
x 0.85
-VHVINP
x 0.8
-VHVINP
x 0.75
V
FBNG Fault Threshold
VFBNG rising
200
250
300
mV
Feedback Fault Timer
50
ms
Thermal Shutdown
Hysteresis = 15NC
160
N
C
TEMPERATURE SENSOR
Temperature Resolution
Monotonicity guaranteed
8
Bits
LSB
0.5
N
C
External Diode Temperature
Error
TA = 0NC to +85NC
-4
+4
N
C
TA = -40NC to +125NC
-8
+8
External Conversion Time
60
ms
Conversion Rate
Register 0Fh = 100b
1
Conv/s
Register 0Fh = 111b
8
Diode Source Current
VDXP = 1.5V - high level
90
100
110
F
A
VDXP = 1.5V - low level
9.0
10
11.0
Diode Source Current Ratio
VDXP = 1.5V
9.5
10
10.5
A/A


Similar Part No. - MAX17135_1205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17135EVKIT MAXIM-MAX17135EVKIT Datasheet
2Mb / 12P
   Measures Remote Diode Temperature
Rev 1; 1/12
MAX17135EVKIT# MAXIM-MAX17135EVKIT# Datasheet
2Mb / 12P
   Measures Remote Diode Temperature
Rev 1; 1/12
More results

Similar Description - MAX17135_1205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17135 MAXIM-MAX17135 Datasheet
1Mb / 23P
   Multi-Output DC-DC Power Supply with VCOM Amplifier and Temperature Sensor for E-Paper Applications
Rev 1; 12/11
logo
Anpec Electronics Corop...
APW7223 ANPEC-APW7223 Datasheet
394Kb / 28P
   Multi-Output Power Supply with VCOM Amplifier for EPD
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
Semtech Corporation
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
   Sink and Source DC/DC Controller for Termination Power Supply Applications
logo
Maxim Integrated Produc...
MAX17126 MAXIM-MAX17126 Datasheet
2Mb / 34P
   Multi-Output Power Supplies with VCOM Amplifier and High-Voltage Gamma Reference for LCD TVs
Rev 1; 3/10
logo
Semtech Corporation
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
   SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Maxim Integrated Produc...
MAX17126B MAXIM-MAX17126B Datasheet
2Mb / 34P
   Multi-Output Power Supplies with VCOM Amplifier and High-Voltage Gamma Reference for LCD TVs
Rev 0; 9/11
logo
Renesas Technology Corp
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
   TFT-LCD Power Supply with VCOM Amplifier
2019
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
RT9237 ETC-RT9237 Datasheet
323Kb / 15P
   MULTI-PHASE DC/DC CONTROLLER FOR CPU CORE POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com