Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH309F-2 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH309F-2
Description  NPN-Silizium-Fototransistor Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH309F-2 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH309F-2 Datasheet HTML 1Page - Siemens Semiconductor Group SFH309F-2 Datasheet HTML 2Page - Siemens Semiconductor Group SFH309F-2 Datasheet HTML 3Page - Siemens Semiconductor Group SFH309F-2 Datasheet HTML 4Page - Siemens Semiconductor Group SFH309F-2 Datasheet HTML 5Page - Siemens Semiconductor Group SFH309F-2 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
SFH 309
SFH 309 FA
1) Eine Lieferung in dieser Gruppe kann wegen Ausbeuteschwankungen nicht immer sichergestellt werden.
Wir behalten uns in diesem Fall die Lieferung einer Ersatzgruppe vor.
1) Supplies out of this group cannot always be guaranteed due to unforseeable spread of yield. In this case we
will reserve us the right of delivering a substitute group.
Typ
Type
Bestellnummer
Ordering Code
Typ (*vorher)
Type (*formerly)
Bestellnummer
Ordering Codes
SFH 309
Q62702-P859
SFH 309 FA
(*SFH 309 F)
Q62702-P941
SFH 309-3
Q62702-P997
SFH 309 FA-2
(*SFH 309 F-2)
Q62702-P174
SFH 309-4
Q62702-P998
SFH 309 FA-3
(*SFH 309 F-3)
Q62702-P176
SFH 309-5
Q62702-P999
SFH 309 FA-4
(*SFH 309 F-4)
Q62702-P178
SFH 309-61)
Q62702-P1000
SFH 309 FA-5
(*SFH 309 F-51))
Q62702-P180
Grenzwerte
Maximum Ratings
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Löttemperatur bei Tauchlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 5 s
Dip soldering temperature
≥ 2 mm distance
from case bottom, soldering time
t
≤ 5 s
T
S
260
°C
Löttemperatur bei Kolbenlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 3 s
Iron soldering temperature
≥ 2 mm distance
from case bottom, soldering time
t
≤ 3 s
T
S
300
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
35
V
Kollektorstrom
Collector current
I
C
15
mA
Kollektorspitzenstrom,
τ < 10 µs
Collector surge current
I
CS
75
mA


Similar Part No. - SFH309F-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH309FA OSRAM-SFH309FA Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
More results

Similar Description - SFH309F-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX81 SIEMENS-BPX81 Datasheet
210Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
LPT80A SIEMENS-LPT80A Datasheet
36Kb / 4P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX43 SIEMENS-BPX43 Datasheet
313Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BP103 SIEMENS-BP103 Datasheet
331Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com