Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH314-2 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH314-2
Description  .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH314-2 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH314-2 Datasheet HTML 1Page - Siemens Semiconductor Group SFH314-2 Datasheet HTML 2Page - Siemens Semiconductor Group SFH314-2 Datasheet HTML 3Page - Siemens Semiconductor Group SFH314-2 Datasheet HTML 4Page - Siemens Semiconductor Group SFH314-2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
1997-11-27
SFH 314
SFH 314 FA
Kennwerte (
T
A = 25 °C, λ = 950 nm)
Characteristics
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 314
SFH 314 FA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
850
870
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10 % von S
max
Spectral range of sensitivity
S = 10 % of S
max
λ
460 ... 1080
740 ... 1080
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
0.55
0.55
mm2
Abmessung der Chipfläche
Dimensions of chip area
L
× B
L
× W
1
× 11 × 1mm × mm
Abstand Chipoberfläche zu Gehäuseober-
fläche
Distance chip front to case surface
H
3.4 ... 4.0
3.4 ... 4.0
mm
Halbwinkel
Half angle
ϕ± 40
± 40
Grad
deg.
Kapazität,
V
CE = 0 V, f = 1 MHz, E = 0
Capacitance
C
CE
15
15
pF
Dunkelstrom
Dark current
V
CE = 10 V, E = 0
I
CEO
10 (
≤ 200)
10 (
≤ 200)
nA
Fotostrom,
Photocurrent
E
e = 0.5 mW/cm
2, V
CE = 5 V
E
v = 1000 Ix, Normlicht/standard light A,
V
CE = 5 V
I
PCE
I
PCE
≥ 0.63
7
≥ 0.63
mA
mA


Similar Part No. - SFH314-2

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH314 OSRAM-SFH314 Datasheet
388Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results

Similar Description - SFH314-2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH313 SIEMENS-SFH313 Datasheet
44Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com