Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9161CIEP Datasheet(PDF) 23 Page - Davicom Semiconductor, Inc.

Part # DM9161CIEP
Description  Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161CIEP Datasheet(HTML) 23 Page - Davicom Semiconductor, Inc.

Back Button DM9161CIEP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9161CIEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
DM9161CI
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
25
Final
Version: DM9161CI-DS-F01
February 22, 2012
8. MII Register Description
AD
D
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
Loop
back
Speed
select
Auto-N
Enable
Power
Down
Isolate
Restart
Auto-N
Full
Duplex
Coll.
Test
Reserved
00 CONTROL
0
0
1
1
0
0
0
1
0
000_0000
T4
Cap.
TX FDX
Cap.
TX HDX
Cap.
10 FDX
Cap.
10 HDX
Cap.
Reserved
Pream.
Supr.
Auto-N
Compl.
Remote
Fault
Auto-N
Cap.
Link
Status
Jabber
Detect
Extd
Cap.
01 STATUS
0
1
1
1
1
0000
1
0
0
1
0
0
1
02
PHYID1
0
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
PHYID2
1
0
1
1
1
0
Model No.
Version No.
03
001011
0001
04 Auto-Neg.
Advertise
Next
Page
FLP Rcv
Ack
Remote
Fault
Reserved
FC
Adv
T4
Adv
TX FDX
Adv
TX HDX
Adv
10 FDX
Adv
10 HDX
Adv
Advertised Protocol Selector Field
05 Link Part.
Ability
LP
Next
Page
LP
Ack
LP
RF
Reserved
LP
FC
LP
T4
LP
TX FDX
LP
TX HDX
LP
10 FDX
LP
10 HDX
Link Partner Protocol Selector Field
06 Auto-Neg.
Expansion
Reserved
Pardet
Fault
LP Next
Pg Able
Next Pg
Able
New Pg
Rcv
LP AutoN
Cap.
16 Specified
Config.
BP
4B5B
BP
SCR
BP
ALIGN
BP_ADP
OK
Repeater
TX
FEF_EN RMII_E
N
Force
100LNK
TST_SE
L0
LEDCO
L_SEL
RPDCTR
-EN
Reset
St. Mch
Pream.
Supr.
Sleep
mode
Remote
LoopOut
17 Specified
Conf/Stat
100
FDX
100
HDX
10
FDX
10 HDX Reserve
d
Reverse
d
Reverse
d
PHY ADDR [4:0]
Auto-N. Monitor Bit [3:0]
18
10T
Conf/Stat
Rsvd
LP
Enable
HBE
Enable
SQUE
Enable
JAB
Enable
10T
Serial
Reserved
Polarity
Reverse
19
PWDOR
Reserved
PD10DR
V
PD100l
PDchip
PDcrm
PDaeq
PDdrv
PDecli
PDeclo
PD10
20
Specified
config
TSTSE1 TSTSE2 FORCE_
TXSD
FORCE_
FEF
PREAM
BLEX
TX10M_
PWR
NWAY_
PWR
Reserved MDIX_C
NTL
AutoNeg
_dlpbk
Mdix_fix
Value
Mdix_do
wn
MonSel1 MonSel0 Rmii_acc
u
PD_valu
e
21
MDINTR
Int_sts
Reserve
d
Reserve
d
Reverse
d
Fdx_ms
k
Spd_msk Lnk_msk Int_msk Reserve
d
Reserve
d
Reverse
d
Fdx_chg Spd_chg Lnk_chg Reserve
d
Int_sts
22
RCVER
Receiver Error Counter
23 DIS_connec
t
Reversed
Disconnect_counter
24
RSTLH
Lh_led_
mode
Lh_mdint
r
Lh_cabst
s
Lh_isolat
e
Lh_rmii Lh_seril1
0
Lh_repea
ter
Lh_testm
ode
Lh_op2 Lh_op1 Lh_op0 Lh_phya
d4
Lh_phya
d3
Lh_phya
d2
Lh_phya
d1
Lh_phya
d0
25
RADVR
Reserved
26
RLPAR
Reserved
29
PSCR
Reserved
preamble
x
amplitud
e
TX_PW
R
Reserved
30 MONITOR
Reserved
Moni_en
Moni_index
Key to Default
In the register description that follows, the default
column takes the form:
<Reset Value>, <Access Type> / <Attribute(s)>
Where:
<Reset Value>:
1
Bit set to logic one
0
Bit set to logic zero
X
No default value
(PIN#)
Value latched in from pin # at reset
<Access Type>:
RO = Read only
RW = Read/Write
<Attribute (s)>:
SC = Self clearing
P = Value permanently set
LL = Latching low
LH = Latching high


Similar Part No. - DM9161CIEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161CIEP DAVICOM-DM9161CIEP Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results

Similar Description - DM9161CIEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BI DAVICOM-DM9161BI Datasheet
519Kb / 45P
   Industrial-grade 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com