Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVL-T8-5WW384-EF2 Datasheet(PDF) 7 Page - P-tec Corporation

Part # LVL-T8-5WW384-EF2
Description  Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

LVL-T8-5WW384-EF2 Datasheet(HTML) 7 Page - P-tec Corporation

Back Button LVL-T8-5WW384-EF2 Datasheet HTML 3Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 4Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 5Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 6Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 7Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 8Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 9Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 10Page - P-tec Corporation LVL-T8-5WW384-EF2 Datasheet HTML 11Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SPECIFICATION
Product Name:LED Downlight
L
- 6 -
LVL-T8-5CW384-EF2
5 feet
25
384
2010
G13
710
180
79
LVL-T8-6CW480-EF2
6 feet
29
480
2335
G13
675
165
89
Optical Characters——Daylight White (5000-6000K)
Part No.
Length
Power
(W)
LED Quantity
(3528 SMD LED)
Luminosity
(lm)
Base
1M(LUX)
2M
LUX)
3M
LUX)
LVL-T8-2DW180-EF2
2 feet
12
180
965
G13
325
80
35
LVL-T8-3DW240-EF2
3 feet
15
240
1200
G13
410
105
45
LVL-T8-4DW300-EF2
4 feet
18
300
1450
G13
440
110
56
LVL-T8-5DW384-EF2
5 feet
25
384
2010
G13
710
180
79
LVL-T8-6DW480-EF2
6 feet
29
480
2335
G13
675
165
89
Optical Characters——Neutral White (3500-5000K)
Part No.
Length
Power
(W)
LED Quantity
(3528 SMD LED)
Luminosity
(lm)
Base
1M(LUX)
2M
LUX)
3M
LUX)
LVL-T8-2NW180-EF2
2 feet
12
180
897
G13
302
74
33
LVL-T8-3NW240-EF2
3 feet
15
240
1116
G13
381
98
42
LVL-T8-4NW300-EF2
4 feet
18
300
1349
G13
409
102
52
LVL-T8-5NW384-EF2
5 feet
25
384
1869
G13
660
167
73
LVL-T8-6NW480-EF2
6 feet
29
480
2172
G13
628
153
83
Optical Characters——Warm White (2500-3500K)
Part No.
Length
Power
(W)
LED Quantity
(3528 SMD LED)
Luminosity
(lm)
Base
1M(LUX)
2M
LUX)
3M
LUX)
LVL-T8-2WW180-EF2
2 feet
12
180
830
G13
280
69
30
LVL-T8-3WW240-EF2
3 feet
15
240
1032
G13
353
90
39
LVL-T8-4WW300-EF2
4 feet
18
300
1247
G13
378
95
48
LVL-T8-5WW384-EF2
5 feet
25
384
1729
G13
611
155
68
LVL-T8-6WW480-EF2
6 feet
29
480
2008
G13
581
142
77
Packing
Weight & Size
Length
feet)
Unit weight
(Kg)
Q’ty
(pcs/package)
Packing weight
(Kg)
Packing size
(mm)
2
0.14
40
15
680*470*229
3
0.3
20
12
990*245*272
4
0.4
20
15
1295*245*272


Similar Part No. - LVL-T8-5WW384-EF2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG1A-E5V1-CG-EMS PF-LVL-A7-BG1A-E5V1-CG-EMS Datasheet
237Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG4B-E5PU-CG-EMS PF-LVL-A7-BG4B-E5PU-CG-EMS Datasheet
242Kb / 3P
   Vibration Limit Switch
2020-10-05
More results

Similar Description - LVL-T8-5WW384-EF2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
NTE Electronics
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com