Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2687 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2687
Description  GPS/GNSS Low-Noise Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2687 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2687 Datasheet HTML 1Page - Maxim Integrated Products MAX2687 Datasheet HTML 2Page - Maxim Integrated Products MAX2687 Datasheet HTML 3Page - Maxim Integrated Products MAX2687 Datasheet HTML 4Page - Maxim Integrated Products MAX2687 Datasheet HTML 5Page - Maxim Integrated Products MAX2687 Datasheet HTML 6Page - Maxim Integrated Products MAX2687 Datasheet HTML 7Page - Maxim Integrated Products MAX2687 Datasheet HTML 8Page - Maxim Integrated Products MAX2687 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GPS/GNSS Low-Noise Amplifiers
4
Typical Operating Characteristics
(MAX2687/MAX2689/MAX2694 EV kit. Typical values are at VCC = 2.85V, TA = +25°C, and fRFIN = 1575.42MHz, unless otherwise noted.)
MAX2687
INPUT P1dB vs. SUPPLY VOLATAGE
AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
-14
-13
-12
-11
-10
-15
1.6
3.6
TA = +85°C
TA = -40°C
TA = +25°C
1dB GAIN DESENSE
vs. BLOCKER FREQUENCY
BLOCKER FREQUENCY (MHz)
2000
1500
1000
-25
-20
-15
-10
-5
0
-30
500
2500
OUTPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2000
1500
1000
-20
-50
-10
-5
0
5
-25
500
2500
IN-BAND IIP3 vs. SUPPLY VOLATAGE
AND TEMPERATURE
SUPPLY VOLTAGE (V)
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
2
4
6
8
10
0
1.6
3.6
TA = +85°C
TA = -40°C
TA = +25°C
OUT-OF-BAND IIP3 vs. SUPPLY VOLTAGE
AND TEMPERATURE
SUPPLY VOLTAGE (V)
6
8
10
12
14
16
4
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
3.6
-40°C
+25°C
+85°C
fTONE 1 = 1713MHz
PTONE 1 = -27dBm
fTONE 2 = 1851MHz
PTONE 2 = -39dBm
INPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2000
1500
1000
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-20
500
2500
GAIN vs. FREQUENCY
FREQUENCY (MHz)
2000
1500
1000
2
4
6
8
10
12
14
16
18
20
0
500
2500
REVERSE ISOLATION vs. FREQUENCY
FREQUENCY (MHz)
2000
1500
1000
-70
-60
-50
-40
-30
-20
-80
500
2500


Similar Part No. - MAX2687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX268 MAXIM-MAX268 Datasheet
2Mb / 24P
   Pin Programmable Universal and Bandpass Filters
19-0597; Rev 3; 7/98
MAX268 MAXIM-MAX268 Datasheet
4Mb / 28P
   Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX2680 MAXIM-MAX2680 Datasheet
126Kb / 12P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
19-4786; Rev 1; 11/98
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
MAX2680 MAXIM-MAX2680 Datasheet
192Kb / 11P
   400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers
Rev 2; 8/03
More results

Similar Description - MAX2687

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
MAX2686L MAXIM-MAX2686L Datasheet
1Mb / 10P
   GPS/GNSS Low-Noise Amplifiers with Integrated LDO
Rev 0; 3/12
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
Skyworks Solutions Inc.
SKY65605-21 SKYWORKS-SKY65605-21 Datasheet
393Kb / 7P
   BDS/GPS/GNSS Low-Noise Amplifier
SKY65605 SKYWORKS-SKY65605_21 Datasheet
190Kb / 2P
   BDS-GPS-GNSS Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com