Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVL-T8-6NW480-EF2 Datasheet(PDF) 4 Page - P-tec Corporation

Part # LVL-T8-6NW480-EF2
Description  Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

LVL-T8-6NW480-EF2 Datasheet(HTML) 4 Page - P-tec Corporation

  LVL-T8-6NW480-EF2 Datasheet HTML 1Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 2Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 3Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 4Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 5Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 6Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 7Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 8Page - P-tec Corporation LVL-T8-6NW480-EF2 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPECIFICATION
Product Name:LED Downlight
L
- 3 -
T8 with Transparent Lens
Features:
 100-240 V AC / DC Input
 White color: 2500K~8000K Color Temperature
 Standard
G13 Base
Applications:
 General Illumination
 Safety and Security
 Backlighting
 Sign and Decoration Lighting
General Dimensions
Length
A
B
D
2 feet
589 mm
597 mm
Φ26 mm
3 feet
895 mm
902 mm
Φ26 mm
4 feet
1199 mm 1207 mm
Φ26 mm
5 feet
1500 mm 1507 mm
Φ26 mm
6 feet
1764 mm 1771 mm
Φ26 mm
Absolute Maximum Ratings
Parameter
Rating
Unit
Condition
AC
100-240
V
Ta - 50ºC (122ºF)
Operating Temperature
-40 ~ +85 (-40 ~ 185)
ºC (ºF)
Storage Temperature
-40 ~ +100 (-40 ~ 212)
ºC (ºF)
Median Life Expectancy
50,000
Hours
Median Life Expectancy
20,000
Hours
Power Factor
0.97
%
Color Rendering Index
Ra >75
%
Optical Characters——Cool White (6000-8000K)


Similar Part No. - LVL-T8-6NW480-EF2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG1A-E5V1-CG-EMS PF-LVL-A7-BG1A-E5V1-CG-EMS Datasheet
237Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG4B-E5PU-CG-EMS PF-LVL-A7-BG4B-E5PU-CG-EMS Datasheet
242Kb / 3P
   Vibration Limit Switch
2020-10-05
More results

Similar Description - LVL-T8-6NW480-EF2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
NTE Electronics
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com