Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9010BI Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part # DM9010BI
Description  Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010BI Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9010BI Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9010BI Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DM9010BI
Industrial-temperature Single Chip Ethernet Controller with General Processor Interface
Preliminary
11
Version: DM9010BI--DS-P01
January 12, 2010
5.3 EEPROM Interface
64
EEDI
I
Data from EEPROM
65
EEDO
O,PD Data to EEPROM
This pin is also used as a strap pin. It combines with strap pin WOL, and it
can set the data width of the internal memory access
The decoder table is the following, where the logic 1 means the strap pin
is pulled high
WAKE
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit
1
1
reserved
66
EECK
O,PD Clock to EEPROM
67
EECS
O,PD Chip Select to EEPROM
This pin is also used as a strap pin to define the LED modes.
When it is pulled high, the LED mode is mode 1; Otherwise it is mode 0
Note: The pins EECS, EECK and EEDO are all have a pulled down resistor about 60 k ohms internally
5.4 Clock Interface
21
X2_25M
O
Crystal 25MHz Out
22
X1_25M
I
Crystal 25MHz In
59
CLK20MO
I/O,PD 20Mhz Clock Output
It is used as the clock signal for the external MII device’s clock is 20MHz
This pin has a pulled down resistor about 60k ohm internally.
When pin TEST5 state is high, this pin acts as the system clock.
5.5 LED Interface
60
SPLED
O
Speed LED
Its low output indicates that the internal PHY is operated in 100M/S, or it
is floating for the 10M mode of the internal PHY
61
FDLED
O
Full-duplex LED
In LED mode 1, Its low output indicates that the internal PHY is operated
in full-duplex mode, or it is floating for the half-duplex mode of the internal
PHY
In LED mode 0, Its low output indicates that the internal PHY is operated
in 10M mode, or it is floating for the 100M mode of the internal PHY
62
LKLED
O
Link / Active LED
In LED mode 1, it is the combined LED of link and carrier sense signal of
the internal PHY
In LED mode 0, it is the LED of the carrier sense signal of the internal
PHY only


Similar Part No. - DM9010BI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
More results

Similar Description - DM9010BI

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9010BIEP DAVICOM-DM9010BIEP Datasheet
48Kb / 2P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9006 DAVICOM-DM9006 Datasheet
465Kb / 76P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
logo
List of Unclassifed Man...
DM9010 ETC2-DM9010 Datasheet
1Mb / 61P
   Single Chip Ethernet Controller with General Processor Interface
logo
Davicom Semiconductor, ...
DM9000BI DAVICOM-DM9000BI Datasheet
448Kb / 56P
   Industrial-grade Ethernet Controller with General Processor Interface
DM9161CI DAVICOM-DM9161CI_1 Datasheet
106Kb / 2P
   Industrial-Temperature 10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com