Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVL-T8-4NW300-EF2 Datasheet(PDF) 3 Page - P-tec Corporation

Part # LVL-T8-4NW300-EF2
Description  Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

LVL-T8-4NW300-EF2 Datasheet(HTML) 3 Page - P-tec Corporation

  LVL-T8-4NW300-EF2 Datasheet HTML 1Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 2Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 3Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 4Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 5Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 6Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 7Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 8Page - P-tec Corporation LVL-T8-4NW300-EF2 Datasheet HTML 9Page - P-tec Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPECIFICATION
Product Name:LED Downlight
L
- 2 -
Introduction
Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Environmentally Conscious
Energy efficient, lead free, and long life means fewer lamp replacements vs. standard halogen Bulb and
incandescent light sources.
Outstanding Energy Efficiency
Compare to standard Incandescent light sources, LED Bulb Series are reducing energy consumption by
70%-80%. The lamps’ optics concentrates light on the target, diminishing wasted extraneous light and
increases the CBCP.
Long Life = Labor Savings
Delivers at least 70% of initial light output after at last 50,000 hours.
Various Colors
Cool White (6000-7000K)
Neutral White (4500-5000K)
Warm White (2800-3500K)
Excellent Color Rendering
Cool White: CRI > 70
Neutral White: CRI > 75
Warm White: CRI > 80


Similar Part No. - LVL-T8-4NW300-EF2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG1A-E5V1-CG-EMS PF-LVL-A7-BG1A-E5V1-CG-EMS Datasheet
237Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG4B-E5PU-CG-EMS PF-LVL-A7-BG4B-E5PU-CG-EMS Datasheet
242Kb / 3P
   Vibration Limit Switch
2020-10-05
More results

Similar Description - LVL-T8-4NW300-EF2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
NTE Electronics
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com