Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH313 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH313
Description  .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH313 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH313 Datasheet HTML 1Page - Siemens Semiconductor Group SFH313 Datasheet HTML 2Page - Siemens Semiconductor Group SFH313 Datasheet HTML 3Page - Siemens Semiconductor Group SFH313 Datasheet HTML 4Page - Siemens Semiconductor Group SFH313 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
1997-11-27
SFH 313
SFH 313 FA
Grenzwerte
Maximum Ratings
Typ
Type
Bestellnummer
Ordering Code
SFH 313
SFH 313-2
SFH 313-3
Q62702-P1667
Q62702-P1751
Q62702-P1752
SFH 313 FA
SFH 313 FA-2
SFH 313 FA-3
Q62702-P1674
Q62702-P1753
Q62702-P1754
Bezeichnung
Description
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 55 ... + 100
°C
Löttemperatur bei Tauchlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 5 s
Dip soldering temperature
≥ 2 mm distance
from case bottom, soldering time
t
≤ 5 s
T
S
260
°C
Löttemperatur bei Kolbenlötung
Lötstelle
≥ 2 mm vom Gehäuse,
Lötzeit
t
≤ 3 s
Iron soldering temperature
≥ 2 mm distance
from case bottom
t
≤ 3 s
T
S
300
°C
Kollektor-Emitterspannung
Collector-emitter voltage
V
CE
70
V
Kollektorstrom
Collector current
I
C
50
mA
Kollektorspitzenstrom,
τ < 10 µs
Collector surge current
I
CS
100
mA
Emitter-Kollektorspannung
Emitter-collector voltage
V
EC
7V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
200
mW
Wärmewiderstand
Thermal resistance
R
thJA
375
K/W


Similar Part No. - SFH313

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH313 OSRAM-SFH313 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313-2/3 OSRAM-SFH313-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH313FA-2/3 OSRAM-SFH313FA-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
More results

Similar Description - SFH313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com