Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH313 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH313
Description  .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH313 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH313 Datasheet HTML 1Page - Siemens Semiconductor Group SFH313 Datasheet HTML 2Page - Siemens Semiconductor Group SFH313 Datasheet HTML 3Page - Siemens Semiconductor Group SFH313 Datasheet HTML 4Page - Siemens Semiconductor Group SFH313 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SFH 313
SFH 313 FA
Semiconductor Group
1
1997-11-27
.
Neu: NPN-Silizium-Fototransistor
New: Silicon NPN Phototransistor
Wesentliche Merkmale
q
Speziell geeignet für Anwendungen im
Bereich von 460 nm bis 1080 nm (SFH 313)
und bei 880 nm (SFH 313 FA)
q
Hohe Linearität
q
5 mm-Plastikbauform
Anwendungen
q
Computer-Blitzlichtgeräte
q
Lichtschranken für Gleich- und
Wechsellichtbetrieb
q
Industrieelektronik
q
“Messen/Steuern/Regeln”
Features
q
Especially suitable for applications from
460 nm to 1080 nm (SFH 313) and of
880 nm (SFH 313 FA)
q
High linearity
q
5 mm plastic package
Applications
q
Computer-controlled flashes
q
Photointerrupters
q
Industrial electronics
q
For control and drive circuits
SFH 313
SFH 313 FA
Maße in mm, wenn nicht anders angegeben/Dimensions in mm, unless otherwise specified.
5.9
5.5
0.6
0.4
7.8
7.5
9.0
8.2
5.7
5.1
29
27
1.8
1.2
Area not flat
0.6
0.4
Cathode (Diode)
Chip position
GEX06260
Approx. weight 0.5 g
Collector (Transistor)


Similar Part No. - SFH313

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH313 OSRAM-SFH313 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313-2/3 OSRAM-SFH313-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
SFH313FA OSRAM-SFH313FA Datasheet
275Kb / 14P
   Emitters and Detectors for Infrared (IR) Touchscreens
SFH313FA-2/3 OSRAM-SFH313FA-2/3 Datasheet
256Kb / 7P
   Silicon NPN Phototransistor
More results

Similar Description - SFH313

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH310 SIEMENS-SFH310 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH314 SIEMENS-SFH314 Datasheet
45Kb / 5P
   .Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3400 SIEMENS-SFH3400 Datasheet
49Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH3401 SIEMENS-SFH3401 Datasheet
46Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
BPX38 SIEMENS-BPX38 Datasheet
315Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH300 SIEMENS-SFH300 Datasheet
232Kb / 5P
   .NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com