Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 22 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 22 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 26Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
DM9006
2-port Switch with Processor Interface
22
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
6.22 Receive Check Sum Control Status Register (32H)
Bit
Name
Default
Description
7
UDPS
HP0,RO
UDP Checksum Status
1: UDP packet checksum is fail.
0: UDP packet checksum is OK or it is not a UDP packet.
6
TCPS
HP0,RO
TCP Checksum Status
1: TCP packet checksum is fail.
0: TCP packet checksum is OK or it is not a TCP packet.
5
IPS
HP0,RO
IP Checksum Status
1: IP packet checksum is ail
0: IP packet checksum is OK or it is not an IP packet.
4
UDPP
HP0,RO
This is an UDP Packet
3
TCPP
HP0,RO
This is a TCP Packet
2
IPP
HP0,RO
This is an IP Packet
1
RCSEN
HPS0,RW Receive Checksum Checking Enable
When set, the checksum status will store in packet first byte of status header.
0
DCSE
HPS0,RW Discard Checksum Error Packet
When set, IP/TCP/UDP checksum field is error, this packet will be discarded.
6.23 uP Data Bus driving capability Register (38H)
Bit
Name
Default
Description
7
RESERVED
0,RW
reserved
6:5
ISA_CURR
P01,RW
SD Bus Current Driving/Sinking Capability
00: 2mA
01: 4mA (default)
10: 6mA
11: 8mA
4:3
Reserved
P0,RW
Reserved
2
STEP
P0,RW
Data Bus Output stepping
1: disabled
0: enabled
1
IOW_SPIKE
P0,RW
Eliminate IOW spike
1: eliminate about 2ns IOW spike
0
IOR_SPIKE
P1,RW
Eliminate IOR spike
1: eliminate about 2ns IOR spike
6.24 IRQ Pin Control Register (39H)
Bit
Name
Default
Description
7:5
IRQ_DELAY
PS0,RW
IRQ Delayed Output Interval
This field determines the IRQ delayed output interval in multiples of 40
milliseconds(ms)
1
IRQ_TYPE
PET0,RW
IRQ Pin Output Type Control
1: IRQ open-collector output
0: IRQ direct output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn