Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM9006 Datasheet(PDF) 15 Page - Davicom Semiconductor, Inc.

Part # DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 15 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 19Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
15
DM9006-13-DS-P01
September 1, 2009
5.6 Miscellaneous Pins
Pin No.
Pin Name
I/O
Description
30
PWRST#
I
Power-on Reset
Low active with minimum 1ms
32
TEST1
I,PD Tie to ground in application
59
TEST2
I,PD Tie to ground in application
5.7 Power Pins
Pin No.
Pin Name
I/O
Description
1,13,26,51
VCC3
P
Digital 3.3V
11,61
VCCI
P
Internal 1.8V core power
4,8,16,23,31,54,64
GND
P
Digital GND
39,46
AVDD3
P
Analog 3.3V power
33,40
AVDDI
P
Analog 1.8V power
36,43
AGND
P
Analog GND
5.8 Strap pins table
1: pull-high 1K~10K, 0: floating (default).
Pin No.
Pin Name
Description
28
EECK
Processor Data Bus Width
0: 16-bit, SD 0-15 is used as processor data bus (default)
1: 8-bit, SD 0-7 is used as processor data bus; SD 8-15 is left floating.
29
EECS
Polarity of IRQ
0: IRQ pin high active (default)
1: IRQ pin low active


Similar Part No. - DM9006

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9006EP DAVICOM-DM9006EP Datasheet
38Kb / 2P
   Two Port Ethernet Switch Controller with 8/16-bit Processor Interface
More results

Similar Description - DM9006

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9003 DAVICOM-DM9003 Datasheet
443Kb / 65P
   10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
DM9013 DAVICOM-DM9013 Datasheet
499Kb / 75P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM9016 DAVICOM-DM9016 Datasheet
513Kb / 85P
   10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
DM8203 DAVICOM-DM8203 Datasheet
441Kb / 63P
   10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
DM9010 DAVICOM-DM9010_06 Datasheet
516Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
DM9010B DAVICOM-DM9010B Datasheet
448Kb / 62P
   10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
DM9106 DAVICOM-DM9106 Datasheet
547Kb / 92P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM9103 DAVICOM-DM9103 Datasheet
629Kb / 89P
   10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
DM8603 DAVICOM-DM8603 Datasheet
780Kb / 107P
   10/100 Mbps 3-port Ethernet Switch Controller with MII / RMII Interface
DM9010BI DAVICOM-DM9010BI Datasheet
454Kb / 60P
   Industrial-temperature 10/100 Mbps Single Chip Ethernet Controller With General Processor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com