Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 11 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 11 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 15Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
11
DM9006-13-DS-P01
September 1, 2009
3. FEATURES
Ethernet Switch with two 10/100Mb PHY, and a flexible 8-bit or 16-bit general processor
bus interface
Store and Forward switching approach
Support HP Auto-MDIX
Support up-to 1K Unicast MAC addresses
Support IEEE 802.3x Flow Control in Full-duplex mode
Support Back Pressure Flow Control in Half-duplex mode
Per port supports ingress or egress bandwidth rate control
Support Broadcast/Multicast Storm Suppression
Support maximum packet length up to 1536(default)/2032 bytes
Support head of Line (HOL) blocking prevention
Support MIB counters for diagnostic
General processor bus is slave architecture
General processor bus driving capability is adjustable
General processor bus supports TCP/UDP/IPv4 checksum offload
EEPROM interface for power up configuration
Support EEPROM 93C46/93C56 with auto-detecting
Driving capability of TXD/TXE of MII is adjustable
Per port supports 4 level priority queues by Port-based, 802.1p VLAN, and IP TOS priority.
The priority queue can be set at WRR(Weighted Round Robin) or Strictly(High priority
queue first)
Support 802.1Q VLAN up-to 16 VLAN group.
Support VLAN ID tag/untag options
MAC Address Table is accessible
Support 256-entry multicast address table
Support port security function
Support 32 entry hardware-based IGMP Snooping V1, V2
uP data driving capability adjustable
64-pin LQFP 1.8V internal core, 3.3V I/O with 5V tolerant
Support Lead-Free and Halogen–Free


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn