Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 72 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 72 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 75Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 76Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 72 / 76 page
background image
DM9006
2-port Switch with Processor Interface
72
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
10.4.2 Processor I/O Read Timing
IOR#
SD0~15
CS#,CMD
T1
T2
T3
T4
T5
T6
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
CS#,CMD valid to IOR# valid
5
ns
T2
IOR# invalid to CS#,CMD invalid
5
ns
T3
IOR# width
20
ns
T4
IOR# invalid to next IOR#/IOW# valid
When read DM9006 register
2
Clk *1
T4
IOR# invalid to next IOR#/IOW# valid
When read DM9006 memory with F0h register
4
Clk *1
T3+T4 IOR# invalid to next IOR#/IOW# valid
When read DM9006 memory with F2h register
1
Clk *1
T5
System Data(SD) Delay time
25
ns
T6
IOR# invalid to System Data(SD) invalid
10
ns
*1 : the Unit: clk is under the internal system clock 50MHz.(20ns).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn