Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 70 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 70 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 74Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 76 page
background image
DM9006
2-port Switch with Processor Interface
70
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
10.3 DC Electrical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Inputs
VIL
Input Low Voltage
-
-
0.8
V
Vcond1
VIH
Input High Voltage
2.0
-
-
V
Vcond1
IIL
Input Low Leakage Current
-1
-
-
uA
VIN = 0.0V, Vcond1
IIH
Input High Leakage Current
-
-
1
uA
VIN = 3.3V, Vcond1
Outputs
VOL
Output Low Voltage
-
-
0.4
V
IOL =4mA
VOH
Output High Voltage
2.4
-
-
V
IOH = -4mA
Receiver
VICM
RX+/RX- Common Mode Input
Voltage
-
1.8
-
V
100
Ω Termination
Across
Transmitter
VTD100 100TX+/- Differential Output Voltage
1.9
2.0
2.1
V
Peak to Peak
VTD10
10TX+/- Differential Output Voltage
4.4
5
5.6
V
Peak to Peak
ITD100
100TX+/- Differential Output Current
│19│
│20│
│21│
mA
Absolute Value
ITD10
10TX+/- Differential Output Current
│44│
│50│
│56│
mA
Absolute Value
Note: Vcond1 = VCC3 = 3.3V, VCCI = 1.8V, AVDD3 = 3.3V, AVDDI = 1.8V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn