Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DM9006 Datasheet(PDF) 69 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo 

DM9006 Datasheet(HTML) 69 Page - Davicom Semiconductor, Inc.

Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
69
DM9006-13-DS-P01
September 1, 2009
10. DC AND AC ELECTRICAL CHARACTERISTICS
10.1 Absolute Maximum Ratings
Symbol
Parameter
Min.
Max.
Unit
Conditions
VCC3
3.3V Supply Voltage
-0.3
3.6
V
-
VCCI
1.8V core power supply
-0.3
1.95
V
-
AVDD3
Analog power supply 3.3V
-0.3
3.6
V
-
AVDDI
Analog power supply 1.8V
-0.3
1.95
V
-
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
-
TSTG
Storage Temperature range
-65
+150
°C
-
TA
Ambient Temperature
0
+70
°C
-
LT
Lead Temperature
(TL, soldering, 10 sec.).
-
+260
°C
Lead-free Device
10.2 Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VCC3
3.3V Supply Voltage
3.135
3.300
3.465
V
-
VCCI
1.8V core power supply
1.71
1.80
1.89
V
-
AVDD3
Analog power supply 3.3V
3.135
3.300
3.465
V
-
AVDDI
Analog power supply 1.8V
1.71
1.80
1.89
V
-
-
230
-
mA
1.8V only
100BASE-TX
-
70
-
mA
3.3V only
-
140
-
mA
TX idle, 1.8V only
-
250
-
mA
50% utilization,
1.8V only
-
360
-
mA
100% utilization,
1.8V only
10BASE-TX
-
30
-
mA
3.3V only
-
170
-
mA
1.8V only
PD
(Power
Dissipation)
Auto-negotiation or cable off
-
40
-
mA
3.3V only


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn