Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DM9006 Datasheet(PDF) 67 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9006 Datasheet(HTML) 67 Page - Davicom Semiconductor, Inc.

Back Button DM9006 Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9006 Datasheet HTML 71Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
67
DM9006-13-DS-P01
September 1, 2009
9.3.2 100Base-TX Receiver
The 100Base-TX receiver contains several function
blocks that convert the scrambled 125Mb/s serial
data to synchronous 4-bit nibble data.
The receive section contains the following functional
blocks:
- Signal Detect
- Digital Adaptive Equalization
- MLT-3 to Binary Decoder
- Clock Recovery Module
- NRZI to NRZ Decoder
- Serial to Parallel
- Descrambler
- Code Group Alignment
- 4B5B Decoder
9.3.2.1 Signal Detect
The signal detects function meets the specifications
mandated by the ANSI XT12 TP-PMD 100Base-TX
standards for both voltage thresholds and timing
parameters.
9.3.2.2 Adaptive Equalization
When transmitting data over copper twisted pair
cable at high speed, attenuation based on frequency
becomes a concern. In high speed twisted pair
signaling, the frequency content of the transmitted
signal can vary greatly during normal operation based
on the randomness of the scrambled data stream.
This variation in signal attenuation, caused by
frequency variations, must be compensated for to
ensure the integrity of the received data. In order to
ensure quality transmission when employing MLT-3
encoding, the compensation must be able to adapt to
various cable lengths and cable types depending on
the installed environment. The selection of long cable
lengths
for
a
given
implementation
requires
significant compensation, which will be over-killed in
a situation that includes shorter, less attenuating
cable lengths. Conversely, the selection of short or
intermediate
cable
lengths
requiring
less
compensation will cause serious under-compensation
for longer length cables. Therefore, the compensation
or equalization must be adaptive to ensure proper
conditioning of the received signal independent of the
cable length.
9.3.2.3 MLT-3 to NRZI Decoder
The DM9006 decodes the MLT-3 information from
the Digital Adaptive Equalizer into NRZI data.
9.3.2.4 Clock Recovery Module
The Clock Recovery Module accepts NRZI data from
the MLT-3 to NRZI decoder. The Clock Recovery
Module locks onto the data stream and extracts the
125 MHz reference clock. The extracted and
synchronized clock and data are presented to the
NRZI to NRZ decoder.
9.3.2.5 NRZI to NRZ
The transmit data stream is required to be NRZI
encoded for compatibility with the TP-PMD standard
for
100Base-TX
transmission
over
Category-5
unshielded twisted pair cable. This conversion
process must be reversed on the receive end. The
NRZI to NRZ decoder receives the NRZI data stream
from the Clock Recovery Module and converts it to a
NRZ data stream to be presented to the Serial to
Parallel conversion block.
9.3.2.6 Serial to Parallel
The Serial to Parallel Converter receives a serial data
stream from the NRZI to NRZ converter. It converts
the data stream to parallel data to be presented to the
descrambler.
9.3.2.7 Descrambler
Because of the scrambling process requires to
control the radiated emissions of transmit data
streams, the receiver must descramble the receive
data streams. The descrambler receives scrambled
parallel data streams from the Serial to Parallel
converter, and it descrambles the data streams, and
presents the data streams to the Code Group
alignment block.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn