Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DM9006 Datasheet(PDF) 62 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo 

DM9006 Datasheet(HTML) 62 Page - Davicom Semiconductor, Inc.

Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
DM9006
2-port Switch with Processor Interface
62
Preliminary datasheet
DM9006-13-DS-P01
September 1, 2009
Entry Search
Busy
Reg70h.0
Set MAC Address
(Reg71h~76h)
Issue Command (Reg70h)
Busy
Reg70h.0
Check Status (Reg70h.[6:5])
Read Port Number/Mapping (Reg77h)
Read Entry Sequence* (Reg71-72h)
Read Attribute* (Reg77h)
Finish
Start
0
1
0
1
Entry Read
Busy
Reg70h.0
Set Entry Sequence
(Reg71h~72h)
Issue Command (Reg70h)
Busy
Reg70h.0
Check Status (Reg70h.[6:5])
Read Port Number/Mapping (Reg77h)
Read MAC Address (Reg71-76h)
Read Entry Sequence* (Reg71-72h)
Read Attribute* (Reg77h)
Finish
Start
0
1
0
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn