Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DM9006 Datasheet(PDF) 53 Page - Davicom Semiconductor, Inc.

Part No. DM9006
Description  10/100 Mbps 2-port Ethernet Switch Controller with General Processor Interface
Download  76 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DAVICOM [Davicom Semiconductor, Inc.]
Homepage  http://www.davicom.com.tw
Logo 

DM9006 Datasheet(HTML) 53 Page - Davicom Semiconductor, Inc.

Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
DM9006
2-port Switch with Processor Interface
Preliminary datasheet
53
DM9006-13-DS-P01
September 1, 2009
8.13 DAVICOM Specified Receive Error Counter Register (RECR) – 16H
Bit
Bit Name
Default
Description
15-0
Rcv_ Err_ Cnt
0, RO
Receive Error Counter
Receive error counter that increments upon detection of RXER.
Clean by reading this register.
8.14 DAVICOM Specified Disconnect Counter Register (DISCR) – 17H
Bit
Bit Name
Default
Description
15-8
Reserved
0, RO
Reserved
7-0
Disconnect
Counter
0, RO
Disconnect Counter that increment upon detection of
disconnection. Clean by reading this register.
8.15 Power Saving Control Register (PSCR) – 1DH
Bit
Bit Name
Default
Description
15-12
RESERVED
0,RO
RESERVED
11
PREAMBLEX
0,RW
Preamble Saving Control
when both bit 10 and 11 of register 14H are set, the 10BASE-T
transmit preamble count is reduced.
1: 12-bit preamble is reduced.
0: 22-bit preamble is reduced.
10
AMPLITUDE
0,RW
Transmit Amplitude Control Disabled
1: when cable is unconnected with link partner, the TX amplitude is
reduced for power saving.
0: disable Transmit amplitude reduce function
9
TX_PWR
0.RW
Transmit Power Saving Control Disabled
1: when cable is unconnected with link partner, the driving current
of transmit is reduced for power saving.
0: disable transmit driving power saving function
8-0
RESERVED
0,RO
RESERVED
8.16 DAVICOM indirect DATA Register (DATA) – 1EH
Bit
Bit Name
Default
Description
15-0
DATA
0, RW
In-direct DATA register
When write, data to register that addressing by ADDR
When read, data from register that addressing by ADDR
8.17 DAVICOM indirect ADDR Register (ADDR) – 1FH
Bit
Bit Name
Default
Description
15-8
Reserved
0, RO
Reserved
3-0
ADDR
0, RW
In-direct ADDR register
1: addressing to power saving control register (same as REG
1DH)
2: reserved
3: reserved
4: addressing to TX amplitude control register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn